Electronic Components Datasheet Search
  English  ▼

X  

DG201CJ Datasheet(PDF) 6 Page - Harris Corporation

Part # DG201CJ
Description  CMOS Dual/Quad SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG201CJ Datasheet(HTML) 6 Page - Harris Corporation

  DG201CJ Datasheet HTML 1Page - Harris Corporation DG201CJ Datasheet HTML 2Page - Harris Corporation DG201CJ Datasheet HTML 3Page - Harris Corporation DG201CJ Datasheet HTML 4Page - Harris Corporation DG201CJ Datasheet HTML 5Page - Harris Corporation DG201CJ Datasheet HTML 6Page - Harris Corporation DG201CJ Datasheet HTML 7Page - Harris Corporation DG201CJ Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9-18
DG200, DG201
Test Circuits
FIGURE 5.
FIGURE 6.
FIGURE 7.
0V
3V
LOGIC
INPUT
ANALOG
INPUT 10V
≤2kΩ
10pF
VOUT
1k
Ω
NOTE: All channels are turned off by high “1” logic inputs and
all channels are turned on by low “0” inputs; however 0.8V to
2.4V describes the minimum range for switching properly.
Peak input current required for transition is typically -120
µA.
0V
3V
LOGIC
INPUT
ANALOG
INPUT 10V
10,000pF
VOUT
VOUT
100
Ω
2VP-P AT 1MHz
LOGIC
INPUT *
51
Ω
* Pull Down Resistor must be
≤ 2kΩ.
Typical Applications
Using the VREF Terminal
The DG200 and DG201 have an internal voltage divider set-
ting the TTL threshold on the input control lines for V+ equal
to +15V. The schematic shown in Figure 8 with nominal
resistor values, gives approximately 2.4V on the VREF pin.
As the TTL input signal goes from +0.8V to +2.4V, Q1 and
Q2 switch states to turn the switch ON and OFF.
FIGURE 8.
V+ (+15V)
Q1
31k
Ω
VREF
6k
Ω
REXT
Q2
GATE
PROTECTION
RESISTOR
INPUT
If the power supply voltage is less than +15V, then a resistor
must be added between V+ and the VREF pin, to restore
+2.4V at VREF. The table shows the value of this resistor for
various supply voltages, to maintain TTL compatibility. If
CMOS logic levels on a +5V supply are being used, the
threshold shifts are less critical, but a separate column of
suitable values is given in the table. For logic swings of -5V
to + 5V, no resistor is needed.
In general, the “low” logic level should be <0.8V to prevent
Q1 and Q2 from both being ON together (this will cause
incorrect switch function).
TABLE 1.
V+ SUPPLY (V)
TTL RESISTOR
(k
Ω)
CMOS RESISTOR
(k
Ω)
+15
-
-
+12
100
-
+10
51
-
+9
(34)
34
+8
(27)
27
+7
18
18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com