Electronic Components Datasheet Search
  English  ▼

X  

DG201CJ Datasheet(PDF) 3 Page - Harris Corporation

Part # DG201CJ
Description  CMOS Dual/Quad SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG201CJ Datasheet(HTML) 3 Page - Harris Corporation

  DG201CJ Datasheet HTML 1Page - Harris Corporation DG201CJ Datasheet HTML 2Page - Harris Corporation DG201CJ Datasheet HTML 3Page - Harris Corporation DG201CJ Datasheet HTML 4Page - Harris Corporation DG201CJ Datasheet HTML 5Page - Harris Corporation DG201CJ Datasheet HTML 6Page - Harris Corporation DG201CJ Datasheet HTML 7Page - Harris Corporation DG201CJ Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9-15
Specifications DG200
Absolute Maximum Ratings
Thermal Information
V+, V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <36V
V+ - VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <30V
VD - V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <30V
VD - VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <28V
VIN - GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <20V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance
θ
JA
θ
JC
Ceramic DIP Package . . . . . . . . . . . . . . .
95oC/W
24oC/W
Plastic DIP Package . . . . . . . . . . . . . . . .
100oC/W
-
Metal Can Package . . . . . . . . . . . . . . . . .
136oC/W
65oC/W
Operating Temperature Range
“A” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
“B” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to +85oC
“C” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
(TA = +25
oC, V+ = +15V, V- = -15V)
PARAMETER
TEST CONDITIONS
MILITARY
COMMERCIAL / INDUSTRIAL
UNITS
-55oC
+25oC
+125oC
0oC TO
-25oC
+25oC
+70oC TO
+85oC
Input Logic Current,
IIN(ON)
VIN = 0.8V (Notes 2, 3)
±10
±1
±10
-
±10
±10
µA
Input Logic Current,
IN(OFF)
VIN = 2.4V (Notes 2, 3)
±10
±1
±10
-
±10
±10
µA
Drain-Source On Resis-
tance, rDS(ON)
IS = 10mA, VANALOG =
±10V
70
70
100
80
80
100
Ω
Channel-to-Channel
rDS(ON) Match, rDS(ON)
-
25 (Typ)
-
-
30 (Typ)
-
Ω
Minimum Analog Signal
Handling Capability,
VANALOG
-
±15V
-
-
±15V
-
V
Switch OFF Leakage
Current, ID(OFF)
VANALOG = -14V to +14V
-
±2
100
-
±5
100
nA
Switch OFF Leakage
Current, IS(OFF)
VANALOG = -14V to +14V
-
±2
100
-
±5
100
nA
Switch ON Leakage Cur-
rent, ID(ON) + IS(ON)
VD = VS = -14V to +14V
-
±2
200
-
±10
200
nA
Switch “ON” Time
(Note 1), tON
RL = 1kΩ, VANALOG =
-10V to +10V (Figure 5)
-
1.0
-
-
1.0
-
µs
Switch “OFF” Time, tOFF
RL = 1kΩ, VANALOG =
-10V to +10V (Figure 5)
-
0.5
-
-
0.5
-
µs
Charge Injection, Q(INJ.)
Figure 6
-
15 (Typ)
-
-
20 (Typ)
-
mV
Minimum Off Isolation
Rejection Ratio, OIRR
f = 1MHz, RL = 100Ω,
CL ≤ 5pF
(Figure 7, Note 1)
-
54 (Typ)
-
-
50 (Typ)
-
dB
+Power Supply
Quiescent Current, IV1
VIN = 0V or VIN = 5V
1000
1000
2000
1000
1000
2000
µA
-Power Supply
Quiescent Current, IV2
1000
1000
2000
1000
1000
2000
µA
Minimum Channel to
Channel Cross Coupling
Rejection Ratio, CCRR
One Channel Off
-
54 (Typ)
-
-
50 (Typ)
-
dB
NOTES:
1. Pull Down Resistor must be
≤ 2kΩ.
2. Typical values are for design aid only, not guaranteed and not subject to production testing.
3. All channels are turned off by high “1” logic inputs and all channels are turned on by low “0” inputs; however 0.8V to 2.4V describes the
minimum range for switching properly. Peak input current required for transition is typically -120
µA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com