Electronic Components Datasheet Search
  English  ▼

X  

DG201CJ Datasheet(PDF) 7 Page - Harris Corporation

Part # DG201CJ
Description  CMOS Dual/Quad SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG201CJ Datasheet(HTML) 7 Page - Harris Corporation

  DG201CJ Datasheet HTML 1Page - Harris Corporation DG201CJ Datasheet HTML 2Page - Harris Corporation DG201CJ Datasheet HTML 3Page - Harris Corporation DG201CJ Datasheet HTML 4Page - Harris Corporation DG201CJ Datasheet HTML 5Page - Harris Corporation DG201CJ Datasheet HTML 6Page - Harris Corporation DG201CJ Datasheet HTML 7Page - Harris Corporation DG201CJ Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
9-19
DG200
Metallization Topology
DIE DIMENSIONS:
74 x 77 x 14
± 1mils
METALLIZATION:
Type: Al
Thickness: 10k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2/Si3N4
SiO2 Thickness: 7kÅ ± 1.4kÅ
Si3N4 Thickness: 8kÅ ± 1.2kÅ
WORST CASE CURRENT DENSITY:
1 x 105 A/cm2
Metallization Mask Layout
DG200
S1 (10)
V- (SUBSTRATE)* (12)
V-
(7)
D1
(9)
(5) S2
(6)
(14)
IN1
(1)
IN2
(3)
GND
D2
* Backside of Chip is V+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com