Electronic Components Datasheet Search
  English  ▼

X  

SM6451AV Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM6451AV
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451AV Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM6451AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SM6451AV
NIPPON PRECISION CIRCUITS—10
Figure 9. FFT plot (ATT = 0 dB)
Figure 10. THD + N vs. load resistance
Figure 11. Current consumption vs. supply voltage
Figure 12. Current consumption vs. temperature
+0
−160
−140
−120
−100
−80
−60
−40
−20
0
20k
2k
4k
6k
8k
10k
12k
14k
16k
18k
Freq(Hz)
VIN = 1.2Vrms = 0dB
f = 1kHz
ATT = 0dB
BH window
100
0.001
0.01
0.1
1
10
1k
10k
100k
VIN = 1.2Vrms
f = 1kHz
ATT = 0dB
20kHz LPF
Load resistance(
Ω)
4.50
4.75
5.00
5.25
5.50
2
4
6
8
10
Supply volutage(V)
AVDD + DVDD
ADRS1=ADRS2=5V
Operating temperature(
°C)
2
4
6
8
10
−50
−25
0
25
50
75
100
AVDD + DVDD
ADRS1=ADRS2=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com