Electronic Components Datasheet Search
  English  ▼

X  

SM6451AV Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM6451AV
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451AV Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM6451AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SM6451AV
NIPPON PRECISION CIRCUITS—12
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, Fukuzumi 2-chome
Koto-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9704AE
1998.06
NIPPON PRECISION CIRCUITS INC.
Connection 2
The SM6451AV uses a 1.2 Vrms input reference amplitude. If the input signal is 4 Vrms, then the input must
be reduced by a factor of 1/3.3, and the output increased by a factor of 3.3.
Connection 3
When there is a possibility that the input peak-to-peak amplitude will exceed the supply voltage, input pro-
tection diodes should be connected to prevent device breakdown.
R
3.3R
L ch Input
R
3.3R
LIN
LOUT
L ch Output
R
3.3R
R ch Input
R
3.3R
RIN
ROUT
R ch Output
SM6451
4Vrms
1.2Vrms
LIN
LOUT
RIN
ROUT
SM6451
L ch Input
L ch Output
R ch Input
R ch Output
AVDD
AVDD
AVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com