Electronic Components Datasheet Search
  English  ▼

X  

SM6451AV Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM6451AV
Description  Audio Variable Volume IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451AV Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM6451AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM6451AV
NIPPON PRECISION CIRCUITS—11
TYPICAL APPLICATIONS
Connection Guidelines
Decoupling capacitors of approximately 10 µF should be connected from AVDD, VRL, VRR to AVSS, and
from DVDD to DVSS.
In addition, approximately 0.01 µF capacitors should also be connected from AVDD, VRL, VRR to AVSS,
and from DVDD to DVSS to suppress digital switch noise.
An approximately 0.001 µF capacitor connected from RSTN to DVSS will force a system reset when power
is applied.
Connection 1 (to DAC)
DVSS
AVSS1 to 4
LIN
RIN
ADRS1
ADRS2
LOUT
ROUT
MDT MCK MLEN
SM6451
LIN
RIN
ADRS1
ADRS2
LOUT
ROUT
SM6451
AVDD
AVSS
AVDD
AVSS
Analog L.P.F.
Analog L.P.F.
CPU
LOA
LOBN
ROA
ROBN
SM5864
MDT MCK MLEN
AVDD1 to 4
L ch OUT
R ch OUT
L ch OUT
R ch OUT
DVDD
DVSS
DVDD
DVSS
DVDD
+ 5V
for Front
for Rear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com