Electronic Components Datasheet Search
  English  ▼

X  

050-352 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050-352
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-352 Datasheet(HTML) 4 Page - Glenair, Inc.

  050-352 Datasheet HTML 1Page - Glenair, Inc. 050-352 Datasheet HTML 2Page - Glenair, Inc. 050-352 Datasheet HTML 3Page - Glenair, Inc. 050-352 Datasheet HTML 4Page - Glenair, Inc. 050-352 Datasheet HTML 5Page - Glenair, Inc. 050-352 Datasheet HTML 6Page - Glenair, Inc. 050-352 Datasheet HTML 7Page - Glenair, Inc. 050-352 Datasheet HTML 8Page - Glenair, Inc. 050-352 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 4 of 15
E-mail: sales@glenair.com
050-352 Product Brief
PCB Mount Transceiver
10 Mbps – 200 Mbps, SMF, 3.3V
TABLE 6 COMPLIANCE SPECIFICATIONS
CHARACTERISTIC
Standard
Condition
Notes
Mechanical Shock
MIL-STD-810
Para. 516.6, proc. I, 650g
0.9 ms operating
Mechanical Vibration
MIL-STD-810
Para. 514.6, 40g rms
Random, operating
ESD
MIL-STD-883
1000V HBM
Flame Resistance
MIL-STD-1344
Method 1012, Cond. B
30 seconds
Altitude
Altitude, 25Kft
Altitude, 70Kft
Decompression
Overpressure
RTCA DO160 G
Section 4.6.1 Category B1
Section 4.6.1 Category E1
Section 4.6.2 Category A2
Section 4.6.3 Category A1
Operating Altitude, 25,000 ft
Operating Altitude, 70,000 ft
Operating Altitude, 45,000 ft
28 psia
Damp Heat
RTCA DO160G
MIL-STD-1344
Section 6 Category A
Method 1002.2, Cond. B
48 hours, Non-operational
10 cycles, 24 hours, Operational
Eye Safety
CDRH and IEC-825
Class 1 Laser Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com