Electronic Components Datasheet Search
  English  ▼

X  

050-352 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050-352
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-352 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050-352 Datasheet HTML 7Page - Glenair, Inc. 050-352 Datasheet HTML 8Page - Glenair, Inc. 050-352 Datasheet HTML 9Page - Glenair, Inc. 050-352 Datasheet HTML 10Page - Glenair, Inc. 050-352 Datasheet HTML 11Page - Glenair, Inc. 050-352 Datasheet HTML 12Page - Glenair, Inc. 050-352 Datasheet HTML 13Page - Glenair, Inc. 050-352 Datasheet HTML 14Page - Glenair, Inc. 050-352 Datasheet HTML 15Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 15
E-mail: sales@glenair.com
050-352 Product Brief
PCB Mount Transceiver
10 Mbps – 200 Mbps, SMF, 3.3V
Application Support
To assist in the transceiver design and evaluation process, Glenair offers the following aids:
•
Evaluation board & Product Manual, part number 050-329, which facilitates in the testing of the PCB Mount
Transceiver.
•
3D Step file to support modeling of mechanical fit and routing
•
PADS schematic and PCB layout library files that can be exported into customer’s PCB software design program
•
Applications Aid Example of PCB layout including details of high speed transmission designs
Customer Manufacturing Processes
This module is mounted with screws and interfaces with a high-speed low cost surface mount electrical connector residing
on the host PC board. The PCB Mount Transceiver is not designed for aqueous wash, IR reflow, or wave soldering
processes and should be mounted on the host board after host PC board has been through these processes.
Proper torque values for mounting screws must be observed. Please contact Glenair for hardware mounting process
recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com