Electronic Components Datasheet Search
  English  ▼

X  

050-352 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050-352
Description  PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-352 Datasheet(HTML) 2 Page - Glenair, Inc.

  050-352 Datasheet HTML 1Page - Glenair, Inc. 050-352 Datasheet HTML 2Page - Glenair, Inc. 050-352 Datasheet HTML 3Page - Glenair, Inc. 050-352 Datasheet HTML 4Page - Glenair, Inc. 050-352 Datasheet HTML 5Page - Glenair, Inc. 050-352 Datasheet HTML 6Page - Glenair, Inc. 050-352 Datasheet HTML 7Page - Glenair, Inc. 050-352 Datasheet HTML 8Page - Glenair, Inc. 050-352 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 15
E-mail: sales@glenair.com
050-352 Product Brief
PCB Mount Transceiver
10 Mbps – 200 Mbps, SMF, 3.3V
PCB Mount Fiber Optic Transceiver, 20Mbps-200Mbps, SMF, 3.3V
Glenair 050-352, is a ruggedized harsh environment PCB Mount Transceiver
with electrical and optical functionality equivalent to SFP transceivers but with
mechanical design that is suited to the harsh temperature and vibration environments
found in Military, Aerospace, Railway, Oil and Gas, and Industrial applications. The
PCB mount optical transceivers also support optional Digital Monitoring Interface (DMI)
features in accordance with SFF 8472. The Transceiver is comprised of a transmitter
section and a receiver section that resides on a common package and interface with a
host board through a high speed electrical connector.
The transmitter section includes the Transmitter Optical Subassembly (TOSA)
and Laser driver circuitry. The TOSA, containing a 1310nm FP laser is located at the
optical interface and mates with the GC optical connector. The TOSA is driven by a
laser driver, which converts differential logic signals into an analog drive current.
The receiver section includes the Receiver Optical Subassembly (ROSA) and
amplification/quantization circuitry. The ROSA, containing a PIN photodiode and trans-
impedance preamplifier, is located at the optical interface and mates with the GC
optical connector. The ROSA is mated to a limiting amplifier IC that provides post-
amplification and quantization. Also included is a Loss Of Signal (LOS) detection
circuit.
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-352-1-D
10Mpbs-200Mbps, with DMI
KEY FEATURES/BENEFITS
SFP Compatible Electrical I/O signal levels
1310nm FP laser to support up to 200Mbps
PIN PD to support high sensitivity up to 200Mbps
Industry standard LVPECL input and outputs that
make for simple integration on customer host PCB
Glenair Rugged GC Optical connector
High Operational Shock (650 g) &
Vibration (54 g rms) – test reports available
Transceiver is securely mounted with screws to
PCB to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Captive screws to simplify manufacturing logistics
and assembly
Compact size: ~ 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
Glenair fiber jumpers connect from transceiver to
any Glenair Mil/Aero Fiber Optic Connector Style
Evaluation fixtures available
Optional Digital Diagnostic and Monitoring (DMI)
based on SFF-8472, enables monitoring of:
o
Transmitter power
o
Laser bias current,
o
Temperature
o
Supply voltage
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
Ethernet, Fast Ethernet, FDDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com