Electronic Components Datasheet Search
  English  ▼

X  

ELM88 Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM88
Description  CMOS 300mA LDO Voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM88 Datasheet(HTML) 2 Page - ELM Electronics

  ELM88 Datasheet HTML 1Page - ELM Electronics ELM88 Datasheet HTML 2Page - ELM Electronics ELM88 Datasheet HTML 3Page - ELM Electronics ELM88 Datasheet HTML 4Page - ELM Electronics ELM88 Datasheet HTML 5Page - ELM Electronics ELM88 Datasheet HTML 6Page - ELM Electronics ELM88 Datasheet HTML 7Page - ELM Electronics ELM88 Datasheet HTML 8Page - ELM Electronics ELM88 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Rev.1.1
■Pin configuration
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
4
NC
5
CE
SOT-89-5(TOP VIEW)
ELM88xx3AA
ELM88xx3BA
SOT-25(TOP VIEW)
SOT-89(TOP VIEW)
SOT-23(TOP VIEW)
SC-70-5(TOP VIEW)
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
4
NC
5
CE
SC-70-5(TOP VIEW)
ELM88xx3CA
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
ELM88xx1AA
Pin No.
Pin name
1
VSS
2
VOUT
3
VIN
ELM88xx1BA
Pin No.
Pin name
1
NC
2
VIN
3
NC
4
VSS
5
VOUT
ELM88xx1CA
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
4
NC
5
CE
ELM88xxxxA CMOS 300mA LDO Voltage regulator
■Selection guide
ELM88xxxxA-x
Symbol
a, b
Output voltage
e.g. :
12: Vout=1.2V 18: Vout=1.8V
25: Vout=2.5V 30: Vout=3.0V
33: Vout=3.3V 50: Vout=5.0V
c
CE selection
1: No CE
3: CE="H"active
d
Package
A: SOT-89, SOT-89-5
B: SOT-23, SOT-25
C: SC-70-5(SOT-353)
e
Product version
A
f
Taping direction
S: Refer to PKG file
N: Refer to PKG file
ELM88 x x x x A - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
21 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com