Electronic Components Datasheet Search
  English  ▼

X  

ELM88 Datasheet(PDF) 21 Page - ELM Electronics

Part # ELM88
Description  CMOS 300mA LDO Voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM88 Datasheet(HTML) 21 Page - ELM Electronics

Back Button ELM88 Datasheet HTML 13Page - ELM Electronics ELM88 Datasheet HTML 14Page - ELM Electronics ELM88 Datasheet HTML 15Page - ELM Electronics ELM88 Datasheet HTML 16Page - ELM Electronics ELM88 Datasheet HTML 17Page - ELM Electronics ELM88 Datasheet HTML 18Page - ELM Electronics ELM88 Datasheet HTML 19Page - ELM Electronics ELM88 Datasheet HTML 20Page - ELM Electronics ELM88 Datasheet HTML 21Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
Rev.1.1
0 40 80 120 160 200 240 280 320 360
4
4.5
5
5.5
6
6.5
Time(μS)
Load Transient Response
Co=1.0μF
Output Voltage
Vin=6.0V
Output Current
100mA
10mA
0
40 80 120 160 200 240 280 320
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
Time(μS)
Input Transient Response
Co=1.0μF
Input Voltage
Output Voltage
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
Vin(V)
Iss-Vin
Top=25℃
101
102
103
104
105
0
10
20
30
40
50
60
70
Frequency(Hz)
Ripple Rejection
Co=1.0μF
21 -
ELM88xxxxA CMOS 300mA LDO Voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com