Electronic Components Datasheet Search
  English  ▼

X  

ELM88 Datasheet(PDF) 13 Page - ELM Electronics

Part # ELM88
Description  CMOS 300mA LDO Voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM88 Datasheet(HTML) 13 Page - ELM Electronics

Back Button ELM88 Datasheet HTML 9Page - ELM Electronics ELM88 Datasheet HTML 10Page - ELM Electronics ELM88 Datasheet HTML 11Page - ELM Electronics ELM88 Datasheet HTML 12Page - ELM Electronics ELM88 Datasheet HTML 13Page - ELM Electronics ELM88 Datasheet HTML 14Page - ELM Electronics ELM88 Datasheet HTML 15Page - ELM Electronics ELM88 Datasheet HTML 16Page - ELM Electronics ELM88 Datasheet HTML 17Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
Rev.1.1
0 40 80 120 160 200 240 280 320 360
1.0
1.5
2.0
2.5
3.0
Load Transient Response
Co=1.0μF
Time(μS)
Output Voltage
Vin 2.8V
Vin=2.8V
Output Current
100mA
10mA
0
40 80 120 160 200 240 280 320
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time(μS)
Input Transient Response
Co=1.0μF
Input Voltage
Output Voltage
101
102
103
104
105
0
10
20
30
40
50
60
70
Frequency(Hz)
Ripple Rejection
Co=1.0μF
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
Vin(V)
Iss-Vin
Top=25℃
21 -
ELM88xxxxA CMOS 300mA LDO Voltage regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com