Electronic Components Datasheet Search
  English  ▼

X  

ELM97 Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM97
Description  CMOS Voltage detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM97 Datasheet(HTML) 6 Page - ELM Electronics

  ELM97 Datasheet HTML 1Page - ELM Electronics ELM97 Datasheet HTML 2Page - ELM Electronics ELM97 Datasheet HTML 3Page - ELM Electronics ELM97 Datasheet HTML 4Page - ELM Electronics ELM97 Datasheet HTML 5Page - ELM Electronics ELM97 Datasheet HTML 6Page - ELM Electronics ELM97 Datasheet HTML 7Page - ELM Electronics ELM97 Datasheet HTML 8Page - ELM Electronics ELM97 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Top=25°C
Note: Test circuit No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note
Detection voltage
Vdetn
3.315 3.400 3.485
V
2
Hysteresis width
Vhys
Vdetn
×0.02
Vdetn
×0.08
V
2
Current consumption
Iss
Vdd=4.5V
1.5
4.5
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
Ioutn Vdd=1.5V, Vds=0.5V
1.0
2.0
mA
3-(1)
Ioutp Vdd=4.5V, Vds=2.1V
0.5
1.5
3-(2)
Delay time
Tphl
0.1
ms
4
Temperature
characteristic of Vdetn
ΔVdetn
ΔTop Top=-40°C to +85°C
-0.34
mV/°C
Top=25°C
Vdetn=3.4V(ELM9734CxB)
Note: Test circuit No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note
Detection voltage
Vdetn
4.680 4.800 4.920
V
2
Hysteresis width
Vhys
Vdetn
×0.02
Vdetn
×0.08
V
2
Current consumption
Iss
Vdd=6.0V
1.5
4.5
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
Ioutn Vdd=1.5V, Vds=0.5V
1.0
2.0
mA
3-(1)
Ioutp Vdd=6.0V, Vds=2.1V
0.5
2.0
3-(2)
Delay time
Tphl
0.1
ms
4
Temperature
characteristic of Vdetn
ΔVdetn
ΔTop Top=-40°C to +85°C
-0.48
mV/°C
Top=25°C
Vdetn=4.8V(ELM9748CxB)
Note: Test circuit No.
Vdetn=4.5V(ELM9745CxB)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note
Detection voltage
Vdetn
4.388 4.500 4.612
V
2
Hysteresis width
Vhys
Vdetn
×0.02
Vdetn
×0.08
V
2
Current consumption
Iss
Vdd=6.0V
1.5
4.5
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
Ioutn Vdd=1.5V, Vds=0.5V
1.0
2.0
mA
3-(1)
Ioutp Vdd=6.0V, Vds=2.1V
0.5
2.0
3-(2)
Delay time
Tphl
0.1
ms
4
Temperature
characteristic of Vdetn
ΔVdetn
ΔTop Top=-40°C to +85°C
-0.45
mV/°C
9 -
ELM97xxxxB CMOS Voltage detector



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com