Electronic Components Datasheet Search
  English  ▼

X  

ELM97 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM97
Description  CMOS Voltage detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM97 Datasheet(HTML) 1 Page - ELM Electronics

  ELM97 Datasheet HTML 1Page - ELM Electronics ELM97 Datasheet HTML 2Page - ELM Electronics ELM97 Datasheet HTML 3Page - ELM Electronics ELM97 Datasheet HTML 4Page - ELM Electronics ELM97 Datasheet HTML 5Page - ELM Electronics ELM97 Datasheet HTML 6Page - ELM Electronics ELM97 Datasheet HTML 7Page - ELM Electronics ELM97 Datasheet HTML 8Page - ELM Electronics ELM97 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
ELM97xxxxB CMOS Voltage detector
9 -
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
10
V
Output voltage
Vout
N-ch : Vss-0.3 to +10
V
CMOS : Vss-0.3 to Vdd+0.3
Output current
Iout
50
mA
Power dissipation
Pd
500 (SOT-89)
mW
250 (SOT-23)
Operationg temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
ELM97xxxxB is CMOS voltage detector IC which consists of very-low-power-consumption reference voltage
source, comparator, output driver, hysteresis circuit and detection voltage setting resistor. Because of positive
logic output, the output becomes low level when Vdd is lower than detection voltage. There are 2 types of
output style of ELM97 series: N-ch opendrain and CMOS output. ELM97 series can be made as semi-custom
IC within the range of 0.9V to 5.5V(N-ch) and 1.6V to 5.5V(CMOS) by 0.1V step.
• Detection voltage range
• Low voltage operation
• Low current consumption
• Accuracy of detection voltage
• Temperature coefficient
• Package
• Reset for microcomputers
• Power voltage shortage detectors
• Switch of backup power source
• Battery checkers
ELM97xxxxB-x
Symbol
a, b
Detection voltage
e.g. :
09: Vdetn=0.9V(N-ch) 24: Vdetn=2.4V(CMOS)
10: Vdetn=1.0V(N-ch) 30: Vdetn=3.0V(CMOS)
11: Vdetn=1.1V(N-ch) 45: Vdetn=4.5V(CMOS)
c
Output form
N: N-ch(N-ch opendrain)
C: CMOS
d
Package
A: SOT-89
B: SOT-23
e
Product version B
f
Taping direction S: Refer to PKG file
N: Refer to PKG file
ELM97 x x x x B - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
■General description
■Features
■Application
■Maximum absolute ratings
■Selection guide
: N-ch 0.9V to 5.5V (by 0.1V)
CMOS 1.6V to 5.5V (by 0.1V)
: Reset operation assured at 0.8V
: Typ.1μA(Vdd=1.5V)
: ±2.5%
: Typ.-300ppm/°C(Vdetn<2V)
Typ.-100ppm/°C(Vdetn≥2V)
: SOT-89, SOT-23


Similar Part No. - ELM97

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
CMOS Voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
CMOS Voltage detector
logo
ELM Electronics
ELM9709CAA ELM-ELM9709CAA Datasheet
210Kb / 10P
CMOS voltage detector IC for battery-operated portable devices
logo
ELM Technology Corporat...
ELM9709CAB-N ELM-TECH-ELM9709CAB-N Datasheet
105Kb / 9P
CMOS Voltage detector
ELM9709CAB-S ELM-TECH-ELM9709CAB-S Datasheet
105Kb / 9P
CMOS Voltage detector
More results

Similar Description - ELM97

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5140 IMPALA-ILC5140 Datasheet
63Kb / 6P
CMOS MULTILEVEL VOLTAGE DETECTOR
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
CMOS Voltage Detector
logo
ELM Technology Corporat...
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
CMOS Dual voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
CMOS Voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
CMOS Voltage detector
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com