Electronic Components Datasheet Search
  English  ▼

X  

ELM97 Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM97
Description  CMOS Voltage detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM97 Datasheet(HTML) 7 Page - ELM Electronics

  ELM97 Datasheet HTML 1Page - ELM Electronics ELM97 Datasheet HTML 2Page - ELM Electronics ELM97 Datasheet HTML 3Page - ELM Electronics ELM97 Datasheet HTML 4Page - ELM Electronics ELM97 Datasheet HTML 5Page - ELM Electronics ELM97 Datasheet HTML 6Page - ELM Electronics ELM97 Datasheet HTML 7Page - ELM Electronics ELM97 Datasheet HTML 8Page - ELM Electronics ELM97 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
■Test circuits
1) Current consumption
�
���
����������
���
���
���
2) Detection voltage
�
���
��
�
���
����������
���
���
��
�����
* R=1MΩ
3)-(1) Output current (N-ch)
�
�
�
���
���
����������
���
���
���
3)-(2) Output current (P-ch)
�
�
�
���
���
����������
���
���
���
4) Delay time
���
��
���
��
����������
��
����
���
��
** Input pulse
��������
����
���
* R=1MΩ
R is unnecessary for CMOS output products.
9 -
ELM97xxxxB CMOS Voltage detector



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com