Electronic Components Datasheet Search
  English  ▼

X  

SM8145 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8145
Description  Dual EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8145 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8145 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SM8145A
NIPPON PRECISION CIRCUITS—4
DC Characteristics
VDD = 3.0 V, Ta = 25 °C unless otherwise noted.
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Supply voltage
V DD
1.6
3.0
5.5
V
CHV output voltage
V CHV
0.5
–
1 0 0
V
OUT1, OUT2, OUTCOM HIGH-level
output voltage
V OUTH
–
–
100
V
OUT1, OUT2, OUTCOM LOW -level
output voltage
V OUTL
–
–
0.5
V
LDR output resistance
R LDR
ILDR = 50 mA
–
8.0
12.0
Ω
OCE oscillator frequency
fOCE1
R OCE = 180 kΩ
205
256
307
kHz
OCE oscillator frequency range
fOCE2
32
–
1536
OCL1, OCL2, OCL3 oscillator frequency
fOCL1
R OCL = 180 kΩ
205
256
307
kHz
OCL1, OCL2, OCL3 oscillator frequency
range
fOCL2
32
–
1536
OUT1, OUT2, OUTCOM output
frequency
fOUT1
R OCE = 180 kΩ
200
250
300
Hz
OUT1, OUT2, OUTCOM output
frequency range
fOUT2
31
–
1500
LDR inductance driver frequency
fLDR1
R OCL = 180 kΩ
51
64
77
kHz
LDR inductance driver frequency range
fLDR2
8
–
384
ENA1, ENA2 HIGH-level input voltage
V ENAH
ENA = HIGH, V DD = 1.6 to 5.5V
V DD – 0.5
–
V DD + 0.3
V
ENA1, ENA2 LOW -level input voltage
V ENAL
ENA = LOW , V DD = 1.6 to 5.5V
V SS – 0.3
–
V SS + 0.5
ENA1, ENA2 input current
IENAH
V ENAH = V DD = 3.0V
2.0
4.0
6.0
µA
ENA1, ENA2 r ise time1
1.
tENA
–
–
100
m s
O p e rating current
IDD1
Excluding coil current
–
–
1.0
m A
Stand-by current
ISTB
ENA = LOW
–
–
1.0
µA
tENA
VSS
VDD
VDD
− 0.5
VSS + 0.5
ENA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com