Electronic Components Datasheet Search
  English  ▼

X  

SM8145 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8145
Description  Dual EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8145 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8145 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SM8145A
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Dual EL Driver
OVERVIEW
The SM8145A is an Electro Luminescent (EL) driver IC that can drive two EL displays simultaneously.
Each EL display mode ON/OFF function can be separately controlled using two enable (ENA) pins.
The luminance in each display mode can be adjusted, enabling the luminance and consumption current to be
optimized to match the application. The device is supplied in ultra-small leadless QFN-20 packages, making
driver circuit miniaturization possible.
FEATURES
I
2 separate EL display drivers
I
2-display simultaneous driver operation
I
Adjustable luminance and current consumption in
each mode
I
3 display modes and a standby mode select control
pins (ENA1, ENA2)
I
1 to 30cm2 EL display size per channel
I
1.6 to 5.5V supply voltage
I
200 Vp-p maximum EL driver voltage
I
20-pin QFN ultra-small leadless package
I
High voltage CMOS Process
APPLICATIONS
I
Mobile phone
I
PDA, Handheld PC
I
Illumination accessory
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit : mm)
Weight : 0.037g
D e vice
P a ck ag e
SM8145AB
20-pin QFN
12 345
15 14 13 12 11
10
9
8
7
6
16
17
18
19
20
ENA2
OCE
OCL3
N.C.
OCL2
OUTCOM
N.C.
OUT1
N.C.
CHV
8145A
0.60 ± 0.10
0.22 ± 0.05
4.00 ± 0.10
15
6
10
11
15
16
20
4.20 ± 0.20
0.50
0.05 M
0.05


Similar Part No. - SM8145

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
EL Driver IC
SM8140AM NPC-SM8140AM Datasheet
66Kb / 6P
EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
EL Sheet Driver
SM8141AV NPC-SM8141AV Datasheet
81Kb / 8P
EL Sheet Driver
SM8141BV NPC-SM8141BV Datasheet
81Kb / 8P
EL Sheet Driver
More results

Similar Description - SM8145

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV832DB1 SUTEX-HV832DB1 Datasheet
445Kb / 2P
Dual EL Lamp Driver
logo
IMP, Inc
IMP522 IMP-IMP522 Datasheet
128Kb / 6P
Dual EL Lamp Driver
logo
Supertex, Inc
HV831 SUTEX-HV831 Datasheet
529Kb / 8P
High Voltage Dual EL Lamp Driver
HV839 SUTEX-HV839 Datasheet
352Kb / 9P
High Voltage Dual EL Lamp Driver
HV841 SUTEX-HV841 Datasheet
302Kb / 7P
High Voltage Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
Low Noise Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
Low Noise, Dual EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
Low Noise, Dual EL Lamp Driver
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
EL Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com