Electronic Components Datasheet Search
  English  ▼

X  

SM8145 Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8145
Description  Dual EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8145 Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM8145 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8145 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SM8145A
NIPPON PRECISION CIRCUITS—6
TYPICAL APPLICATIONS
I
EL size: 20 + 20cm2, Current consumption: 20 + 20mA
I
EL size: 20 + 30cm2, Current consumption: 20 + 30mA
I
EL size: 10 + 30cm2, Current consumption: 10 + 30mA
Note: Connect a 1k
Ω resistor to protect IC when the EL is over 20cm2 per channel.
Note: Do not operate the SM8145A with the EL NOT connected (no load to OUTCOM/OUT1/OUT2) since the IC will be damaged.
180k
Ω
VDD
470
µH
Diode: TOSHIBA 1SS250
Coil: MURATA LQH4N471K04M00
180k
Ω
0.1
µF
100V
3.0V
CHV
LDR
VSS
OCL1
OCL2
OUT1
OUTCOM
OUT2
ENA1
ENA2
0.01
µF
OCL3
180k
Ω
360k
Ω
OCE
EL 20cm2
EL 20cm2
180k
Ω
VDD
470
µH
Diode: TOSHIBA 1SS250
Coil: MURATA LQH4N471K04M00
180k
Ω
0.1
µF
100V
3.0V
CHV
LDR
VSS
OCL1
OCL2
OUT1
OUTCOM
OUT2
ENA1
ENA2
0.01
µF
OCL3
270k
Ω
430k
Ω
OCE
EL 20cm2
EL 30cm2
1k
Ω
91k
Ω
VDD
470
µH
Diode: TOSHIBA 1SS250
Coil: MURATA LQH4N471K04M00
180k
Ω
0.1
µF
100V
3.0V
CHV
LDR
VSS
OCL1
OCL2
OUT1
OUTCOM
OUT2
ENA1
ENA2
0.01
µF
OCL3
270k
Ω
360k
Ω
OCE
EL 30cm2
EL 10cm2
1k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com