Electronic Components Datasheet Search
  English  ▼

X  

G9294 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G9294
Description  Dual, 300mA Low-Dropout Linear Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9294 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G9294 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9294 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9294 Datasheet HTML 3Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver: 0.93
Mar 01, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G9294
Global Mixed-mode Technology Inc.
Ordering Information
ORDER
NUMBER
MARKING
VOUT1
VOUT2
TEMP.
RANGE
PACKAGE
(Green)
G9294NNTP1U
9TNNx
2.8V
2.8V
-40°C~+85°C
TSOT-23-6
G9294ENRR1U
92A
xx
1.2V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294ERRR1U
92A
Ixx
1.2V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294ZNRR1U
92A
Axx
1.3V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294FFRR1U
92B
xx
1.5V
1.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9294FLRR1U
92A
Hxx
1.5V
2.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9294FNRR1U
92C
xx
1.5V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294HWRR1U
92D
xx
1.8V
2.6V
-40°C~+85°C
TDFN1.6X1.6-6
G9294HRRR1U
92E
xx
1.8V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294IFRR1U
92G
xx
1.85V
1.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9294IIRR1U
92H
xx
1.85V
1.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294MKRR1U
92A
Lxx
2.1V
2.0V
-40°C~+85°C
TDFN1.6X1.6-6
G9294MLRR1U
92A
Jxx
2.1V
2.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9294LHRR1U
92I
xx
2.5V
1.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294LNRR1U
92J
xx
2.5V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294LORR1U
92K
xx
2.5V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294LQRR1U
92L
xx
2.5V
3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294LRRR1U
92M
xx
2.5V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294WORR1U
92A
Dxx
2.6V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294WRRR1U
92A
Gxx
2.6V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294NGRR1U
92A
Bxx
2.8V
1.6V
-40°C~+85°C
TDFN1.6X1.6-6
G9294NHRR1U
92N
xx
2.8V
1.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294NNRR1U
92O
xx
2.8V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294NORR1U
92Z
Mxx
2.8V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294NQRR1U
92P
xx
2.8V
3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294NRRR1U
92Q
xx
2.8V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com