Electronic Components Datasheet Search
  English  ▼

X  

G9294 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G9294
Description  Dual, 300mA Low-Dropout Linear Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9294 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G9294 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9294 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9294 Datasheet HTML 3Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver: 0.93
Mar 01, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G9294
Global Mixed-mode Technology Inc.
Ordering Information (continued)
ORDER
NUMBER
MARKING
VOUT1
VOUT2
TEMP.
RANGE
PACKAGE
(Green)
G9294OHRR1U
92R
xx
2.85V
1.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294OIRR1U
92S
xx
2.85V
1.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294OORR1U
92T
xx
2.85V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294QHRR1U
92U
xx
3V
1.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294QORR1U
92A
Kxx
3V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294QQRR1U
92V
xx
3V
3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294YNRR1U
92W
xx
3.15V
2.8V
-40°C~+85°C
TDFN1.6X1.6-6
G9294RFRR1U
92A
Cxx
3.3V
1.5V
-40°C~+85°C
TDFN1.6X1.6-6
G9294RORR1U
92F
xx
3.3V
2.85V
-40°C~+85°C
TDFN1.6X1.6-6
G9294RQRR1U
92X
xx
3.3V
3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294RXRR1U
92Y
xx
3.3V
3.1V
-40°C~+85°C
TDFN1.6X1.6-6
G9294RRRR1U
92Z
xx
3.3V
3.3V
-40°C~+85°C
TDFN1.6X1.6-6
G9294ERRC1U
92ER
1.2V
3.3V
-40°C~+85°C
TDFN2X2-8
Note:TP:TSOT-23-6
RR: TDFN1.6X1.6-6
RC: TDFN2X2-8
1: Bonding Code
U : Tape & Reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com