Electronic Components Datasheet Search
  English  ▼

X  

G9294 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G9294
Description  Dual, 300mA Low-Dropout Linear Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9294 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9294 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9294 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9294 Datasheet HTML 3Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver: 0.93
Mar 01, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9294
Global Mixed-mode Technology Inc.
Dual, 300mA Low-Dropout Linear Regulators
Features
Two Low-Dropout-Voltage Regulators
300mA Output Current for Each LDO
Independent Enable Control
Dropout Voltage is 100mV@ 100mA Load
Over-Temperature Protection and Short-Circuit
Protection
1.2V to 3.3V Factory-Preset Output
Max. Supply Current in Shutdown Mode < 1µA
Small Ceramic Output Capacitors
400
Ω V
OUT Discharge Resistance in Shutdown
Applications
Notebook Computers
Cellular Phones
PDAs
Digital still Camera and Video Recorders
Hand-Held Devices
Bar Code Scanners
General Description
The G9294 is a dual, low supply current, low dropout
linear regulator that comes in a space saving
TSOT-23-6 & TDFN1.6X1.6-6 and TDFN2X2-8 pack-
age. The supply current at no-load is 60µA. In the
shutdown mode, the maximum supply current is less
than 1µA. Output voltage range of the G9294 is from
1.2V to 3.3V. The over-current protection limit is set at
500mA typical. An over-temperature protection circuit
is built-in in the G9294 to prevent thermal overload.
These power saving features make the G9294 ideal
for use in the battery-powered applications such as
notebook computers, cellular phones, and PDA’s.
These devices feature a shutdown function and are of-
fered in active low with auto discharge. The G9294
comes in a space saving TSOT-23-6, TDFN1.6X1.6-6
and TDFN2X2-8 package.
Pin Configuration
Typical Application Circuit
Thermal
Pad
VIN
VOUT1
GND
EN1
G9294
C
IN
2.2µF
BATTERY
OUTPUT1
1µF
EN1
TSOT-23-6
6
4
1
2
3
GND
EN2
VOUT1
VOUT2
G9294
5
VIN
EN2
VOUT2
1µF
OUTPUT2
TDFN2X2-8
1
2
3
4
8
7
6
5
EN1
VIN
EN2
NC
NC
VOUT2
VOUT1
1
2
3
4
8
7
6
5 GND
G9294
Thermal
Pad
TDFN1.6X1.6-6
1
2
3
6
5
4
Thermal
Pad
G9294
EN1
VIN
EN2
VOUT2
VOUT1
GND
Note: Recommend connecting the Thermal Pad
to the Ground for excellent power dissipation.
Thermal
Pad
VIN
VOUT1
GND
EN1
G9294
C
IN
2.2µF
BATTERY
OUTPUT1
1µF
EN1
TSOT-23-6
6
4
1
2
3
GND
EN2
VOUT1
VOUT2
G9294
5
VIN
EN2
VOUT2
1µF
OUTPUT2
TDFN2X2-8
1
2
3
4
8
7
6
5
EN1
VIN
EN2
NC
NC
VOUT2
VOUT1
1
2
3
4
8
7
6
5 GND
G9294
Thermal
Pad
TDFN1.6X1.6-6
1
2
3
6
5
4
Thermal
Pad
G9294
EN1
VIN
EN2
VOUT2
VOUT1
GND
Note: Recommend connecting the Thermal Pad
to the Ground for excellent power dissipation.


Similar Part No. - G9294

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
Dual, 300mA Low-Dropout Linear Regulators
G9298 GMT-G9298 Datasheet
65Kb / 1P
400mA High PSRR, Low Noise, LDO Regulators
More results

Similar Description - G9294

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
300mA Low-Dropout Linear Regulators
G9093 GMT-G9093 Datasheet
33Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9092 GMT-G9092 Datasheet
42Kb / 2P
Dual, 300mA Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
300mA Low-Dropout Linear Regulators
G9090 GMT-G9090 Datasheet
47Kb / 2P
300mA Low-Dropout Linear Regulators
G9052 GMT-G9052 Datasheet
37Kb / 1P
Dual, 300mA Low-Dropout Linear Regulators
G9002 GMT-G9002 Datasheet
58Kb / 2P
300mA Low-Dropout Linear Regulators
G9291 GMT-G9291 Datasheet
32Kb / 1P
300mA Low-Dropout Linear Regulators
G9292 GMT-G9292 Datasheet
53Kb / 2P
Dual, 300mA Low-Dropout Linear Regulators
G9293 GMT-G9293 Datasheet
74Kb / 3P
Dual, 300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com