Electronic Components Datasheet Search
  English  ▼

X  

SM8212B Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8212B
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212B Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8212B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
NIPPON PRECISION CIRCUITS-13
SM8212B
(4) Lock mode
PREAMBLE
Mode
LOCK
Mode
IDLE
Mode
B
C
D
E
A
POWER-ON
Mode
G
F
Figure 7. Operating mode transition diagram
H
A: After reset, parameters/addresses are set and start command
is issued.
B: Rate error or, within a fixed period, preamble pattern/sync
code not detected.
C: Preamble pattern detected.
D: Sync code detected 1 cycle immediately after transfer from
lock mode.
E: Sync code not detected on 2 consecutive attempts
F: Same as E, but preamble detected on the second attempt.
G: Sync code detected.
H: Parameters/addresses are set and start command is issued
from preamble/idle/lock mode.
If the sync code is detected during the preamble period,
device operation transfers to lock mode and BS1 goes
LOW. BS1 then goes HIGH again under frame timing,
where the frame number is set by flags FF0 to FF2, and the
32 addresses are compared with ID-ROM (If the frame
number is 0, BS1 stays HIGH). If errors of 2 bits or less
occur, the address is still recognized. Since there are two
code words per frame, this check is done twice.
When one of the 32 addresses does not match, BS1 goes
LOW and the device waits for the next frame or sync code
receive timing. If the sync code is still not detected after
two consecutive attempts, device operation transfers to idle
mode, except during message reception where operation
stays in lock mode. If the sync code is not detected on the
second attempt, but instead a pattern forming a preamble
is detected, device operation transfers to preamble mode
and not idle mode (preamble mode is more advantageous
for sync code detection).
When one of the 32 addresses does match, ATTN goes
LOW and the address information (see “Data/Flags” sec-
tion) is transmitted to the CPU on SDO in sync with the
SCK clock.
When the address information is confirmed to be a mes-
sage, BS1 is held HIGH and the message is received. The
received message is stored in a buffer as 32-bit error-cor-
rected information (see “Data/Flags” section), then ATTN
goes LOW and the data is transmitted to the CPU on
SDO in sync with the SCK clock.
When the address and message is received, ATTN should
be held LOW while the data is output on SDO.
When an incoming message spans two or more batches,
additional sync code detection occurs during sync code
receive timing.
Message reception can be selected to end when either an
address code or idle code is detected, or when interrupted
using the decoder set command BREAK input. This selec-
tion is made when setting parameters that will not cause
the message to terminate. If the BREAK mode is selected,
even if an address other than the self address (MSB = 0) is
received during message reception, reception continues
without interruption and address data is sent to the micro-
controller using the same data handling as for a message. In
this case, reception can only be interrupted by a BREAK
input signal from the microcontroller.
In either of the above cases, message reception ends if an
end-of-message signal is sent. (Except MSB=0 but self
address, no BREAK input)
When message reception ends, BS1 goes LOW and the
device waits for either the address detect timing of the next
frame or the sync code receive timing.
When sending data from the decoder to the microcon-
troller, the SCK clock frequency should not be less than
512, (1200), [2400] Hz. If this occurs, the SCK counter is
reinitialized. This function, however, does make restoring
operation easy even if this or another clock is accidentally
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com