Electronic Components Datasheet Search
  English  ▼

X  

SM8212B Datasheet(PDF) 23 Page - Nippon Precision Circuits Inc

Part # SM8212B
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212B Datasheet(HTML) 23 Page - Nippon Precision Circuits Inc

Back Button SM8212B Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 25Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 26Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 27Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
NIPPON PRECISION CIRCUITS-23
SM8212B
4. Receive Data (1)
Reception data
11
2
MESSAGE/ ADDRESS
3
SELF ADDRESS
4
ADDRESS 2 (ADDR 2)
5
ADDRESS 1 (ADDR 1)
6
ADDRESS 0 (ADDR 0)
7
FUNCTION 1 (FUNC 1)
8
FUNCTION 0 (FUNC 0)
9
SYN - VAL
10
ERROR 1 (ERR 1)
11
ERROR 0 (ERR 0)
12
PARITY ERROR
13
MESSAGE 1/ADDRESS 1
14
MESSAGE 2/ADDRESS 2
15
MESSAGE 3/ADDRESS 3
16
MESSAGE 4/ADDRESS 4
17
MESSAGE 5/ADDRESS 5
18
MESSAGE 6/ADDRESS 6
19
MESSAGE 7/ADDRESS 7
20
MESSAGE 8/ADDRESS 8
21
MESSAGE 9/ADDRESS 9
22
MESSAGE 10/ADDRESS 10
23
MESSAGE 11/ADDRESS 11
24
MESSAGE 12/ADDRESS 12
25
MESSAGE 13/ADDRESS 13
26
MESSAGE 14/ADDRESS 14
27
MESSAGE 15/ADDRESS 15
28
MESSAGE 16/ADDRESS 16
29
MESSAGE 17/ADDRESS 17
30
MESSAGE 18/ADDRESS 18
31
MESSAGE 19/FUNCTION 1
32
MESSAGE 20/FUNCTION 0
Table 7. Receive data format
Bit 1
The receive data leading bit is always 1.
Bit 2
Message/address indicator flag.
When 0, the data is an address.
When 1, the data is a message.
Bit 3
Self address indicator flag.
When 1, the data is treated as a self address (device address).
When 0, the data is a message.
When this bit is set to 1, the self address corresponds to one of the
addresses indicated by bits 4 to 6.
Bits 4 to 6
Address call sign flags.
When bit 3 of data is 1, indicating a self address, these bits indicate
the call sign.
When the data is a message, all 3 bits are set to 0.
Bits 7 to 8
Function bit flags.
When bit 3 of data is 1, indicating a self address, these bits set the call
function for the address indicated by bits 4 to 6.
When the data is a message, both bits are set to 0.
ADDR 2 ADDR 1 ADDR 0 Name ADDR 2 ADDR 1 ADDR 0 Name
000
A
100
E
001
B
101
F
010
C
110
G
011
D
111
H
FUNC 1
FUNC 0
Function
0
0
A Call
0
1
B Call
1
0
C Call
1
1
D Call



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com