Electronic Components Datasheet Search
  English  ▼

X  

SM8212B Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM8212B
Description  POCSAG Decoder For Multiframe Pagers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8212B Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM8212B Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8212B Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
NIPPON PRECISION CIRCUITS-17
SM8212B
(4) BS-test
(5) Start
This command is used to return to normal operation
from back-up, write and BS-test modes. Operation always
restarts from preamble mode.
Note the following points when setting commands:
Immediately after ATTN goes LOW
Commands send 8 SCK clock cycles to the decoder
and the received data is sent using 32 clock cycles
immediately after ATTN goes LOW. However, apart
from the 8 clock cycles needed for the command, 32
clock cycles are needed to release ATTN.
After being transferred the command, even if ATTN
keeps LOW, transmitted reception data is unstable.
When ATTN is HIGH
These commands should use when ATTN HIGH
timing only.
After command is transferred and until ATTN goes
LOW for the next transmit ready data signal, the
series processing should be such that it takes less than
{32x(bit rate)} time.
SCK
SDI
:
8-bit
× 1-byte = 8-bit unit time clock
:
8-bit
× 1-byte = 8-bit unit time data
Decoder Setting Data
Current Mode
Next Mode
Decoder Mode
Figure 10. Auxiliary operating mode timing
Refer to the AC Characteristics section for detailed timing specifications.
START command : 66 bit time max
Others : 2 bit time max
When ATTN goes HIGH (excluding write mode),
SCK is examined to determine if the signal is a break,
back-up, write or read command. During message
reception, ATTN is temporarily held HIGH if a com-
mand is issued to set ATTN LOW. This delay
ensures that the data from the decoder is not mis-
interpreted. And in this case, even if ATTN keeps
LOW, transmitted receiving data is unstable.
This mode is used to test the RF stage operation, and is
only available from write mode. BS1 and BS3 held HIGH
for RF stage testing.
After testing, BS-test mode is released using the decoder
set start command, and operation starts from preamble
mode.
Note that issuing the BACK-UP command is prohibited
in the BS-test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com