Electronic Components Datasheet Search
  English  ▼

X  

ECH8668 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ECH8668
Description  Power MOSFET Complementary Dual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8668 Datasheet(HTML) 3 Page - ON Semiconductor

  ECH8668 Datasheet HTML 1Page - ON Semiconductor ECH8668 Datasheet HTML 2Page - ON Semiconductor ECH8668 Datasheet HTML 3Page - ON Semiconductor ECH8668 Datasheet HTML 4Page - ON Semiconductor ECH8668 Datasheet HTML 5Page - ON Semiconductor ECH8668 Datasheet HTML 6Page - ON Semiconductor ECH8668 Datasheet HTML 7Page - ON Semiconductor ECH8668 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
[Nch]
[Nch]
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
0
1.5
3.5
5.5
2.0
4.0
6.0
6.5
7.0
0.5
2.5
4.5
1.0
3.0
5.0
7.5
0
0
IT12483
IT12484
0.1
0.2
0.3
0.4
0.5
0
0.5
1.0
1.5
2.0
2.5
1
4
7
2
5
8
3
6
9
10
VDS=10V
VGS=1.5V
| yfs | -- I
D
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
--60 --40 --20
0
20
40
60
80
100 120 140 160
0
10
20
30
40
5
15
25
35
VGS
=2.5V
, ID
=2A
VGS
=4.5V
, ID=4A
VGS
=4.0V
, ID
=4A
V GS
=3.1V
, I D
=4A
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
SW Time -- ID
Ciss, Coss, Crss -- VDS
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
5
2
2
100
7
5
3
3
1000
7
0
IT12485
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
0.9
0.8
0.7
26
48
10
0
5
10
15
20
30
25
35
40
Ta=25
°C
IT12486
IT12487
IT12488
048
12
16
2
6
10
14
18
20
0.01
0.1
7
5
3
2
2
1.0
7
5
3
2
IT12490
0.1
2
2
1.0
7
5
3
10
7
5
3
0.1
2
0.01
57
23
1.0
2
57
3
Ta=
--25
°C
75
°C
25
°C
VDS=10V
VGS=0V
Ciss
Coss
Crss
f=1MHz
10
57
3
10
7
5
3
ID=2A
4A
100
7
5
3
2
10
1000
7
5
3
2
0.1
2
1.0
35
7
IT12489
VDD=10V
VGS=4V
td(off)
t r
tf
10
23
5
7
td(on)
ECH8668
No. A1510-3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com