Electronic Components Datasheet Search
  English  ▼

X  

ECH8668 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ECH8668
Description  Power MOSFET Complementary Dual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8668 Datasheet(HTML) 4 Page - ON Semiconductor

  ECH8668 Datasheet HTML 1Page - ON Semiconductor ECH8668 Datasheet HTML 2Page - ON Semiconductor ECH8668 Datasheet HTML 3Page - ON Semiconductor ECH8668 Datasheet HTML 4Page - ON Semiconductor ECH8668 Datasheet HTML 5Page - ON Semiconductor ECH8668 Datasheet HTML 6Page - ON Semiconductor ECH8668 Datasheet HTML 7Page - ON Semiconductor ECH8668 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
[Nch]
[Nch]
A S O
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
VGS -- Qg
0
1
2
3
4
5
6
7
8
9
10
11
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT12491
IT14781
VDS=10V
ID=7.5A
2
2
3
5
7
0.1
2
3
5
7
1.0
0.01
0.01
0.1
57
23
2
1.0
57
32
10
57
32 3
5
Operation in this
area is limited by RDS(on).
100
μs
100ms
DC
operation
(T
a=25
°C)
10ms
1ms
2
3
5
3
7
5
7
10
IDP=40A
ID=7.5A
Ta=25
°C
Single pulse
When mounted on ceramic substrate
(900mm2
×0.8mm)
PW
≤10μs
| yfs | -- I
D
[Pch]
[Pch]
[Pch]
[Pch]
[Pch]
[Pch]
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
IS -- VSD
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
0
IT13074
0
--0.5
--1.0
--1.5
--2.0
--2.5
0
--0.4
--0.2
--0.6
--0.8
--1.0
--1.2
--1
--4
--7
--2
--5
--3
--6
--8
IT13076
--60 --40 --20
0
20
40
80
120
60
100
140 160
0
20
40
60
80
100
IT13077
IT13078
--0.01
7
5
3
2
--0.1
2
0.1
2
2
1.0
7
5
3
2
3
10
7
5
3
2
--0.01
--0.1
2
57
3
--1.0
2
57
3
--10
57
3
Ta=
--25
°C
75
°C
25
°C
VDS= --10V
VGS=0V
VGS
= --1.8V
, ID=
--0.5A
VGS
= --2.5V
, ID=
--1.5A
VGS
= --4.5V
, ID=
--3.0A
--1.0
7
5
3
2
--10
7
5
3
0
IT13075
0
--2
--4
--1
--3
--5
0
IT13073
--0.2
--0.1
--0.4
--0.6
--0.8
--0.3
--0.5
--0.7
--0.9 --1.0
--2
--6
--7
--4
--1
--5
--3
--8
0
20
40
60
100
80
120
140
VGS= --1.2V
Ta=25
°C
ID= --0.5A
--3.0A
--1.5A
--1.5V
VGS= --10V
ECH8668
No. A1510-4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com