Electronic Components Datasheet Search
  English  ▼

X  

SL432ASF Datasheet(PDF) 3 Page - AUK corp

Part # SL432ASF
Description  Programmable Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL432ASF Datasheet(HTML) 3 Page - AUK corp

  SL432ASF Datasheet HTML 1Page - AUK corp SL432ASF Datasheet HTML 2Page - AUK corp SL432ASF Datasheet HTML 3Page - AUK corp SL432ASF Datasheet HTML 4Page - AUK corp SL432ASF Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSI-2015-005
3
SL432xSF
1
ref
2
1
ref
ref
R
×
I
+
)
R
R
+
1
(
×
V
=
V
Note.
1. Ambient temperature range: TLOW = -40℃, THigh = 85℃
2. The deviation parameters △Vref and △Iref are defined as the difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
The average temperature coefficient of the reference input voltage,
ref
V
α
is defined as:
a
6
a
ref
ref
ref
T
)
10
×
)
℃
25
=
T
(
V
V
∆
(
=
)
℃
ppm
(
V
α
ref
V
α
can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to
Fig. 8
Example : △Vref = 10mV and the slope is positive,
△
Vref @ 25℃ = 1.24V
△
Ta = 125℃
℃
/
ppm
65
=
125
10
×
)
241
.
1
010
.
0
(
=
)
℃
ppm
(
V
α
6
ref
3. The dynamic impedance ZKA is defined as:
K
KA
KA
I
∆
V
∆
=
Ζ
When the device is operating with two external resistors, R1 and R2, (refer to Fig.2) the total dynamic impedance of the circuit
is given by:
)
R
R
+
1
(
×
Ζ
=
Ζ
2
1
KA
'
KA
Fig. 1 Test circuit for VKA=Vref
Fig. 2 Test circuit for VKA>Vref
Fig. 3 Test circuit for IK(off)
∆Vref = Vref Max – Vref Min
∆Ta = T2 – T1
Ambient Temperature
KA
Input
R1
R2
V
VKA
Input
IK(off)
Iref
Vref
IK
KA
V
Input
IK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com