Electronic Components Datasheet Search
  English  ▼

X  

SL432ASF Datasheet(PDF) 5 Page - AUK corp

Part # SL432ASF
Description  Programmable Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL432ASF Datasheet(HTML) 5 Page - AUK corp

  SL432ASF Datasheet HTML 1Page - AUK corp SL432ASF Datasheet HTML 2Page - AUK corp SL432ASF Datasheet HTML 3Page - AUK corp SL432ASF Datasheet HTML 4Page - AUK corp SL432ASF Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSI-2015-005
5
SL432xSF
Electrical Characteristics Curves
Unstable Regions
VKA
R1 [KΩ]
R2 [KΩ]
A, B
Vref
0
∞
A
10V
10
1.415
R2
CL
0
GND
R1
Output
Fig.10 Stability Boundary Conditions
0.001
0.01
0.1
1
10
0
10
20
30
Load capacitance CL [µF]
Stable
A
B
IK
Ta=25˚C
Fig.11 Test circuit for Fig. 10
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com