Electronic Components Datasheet Search
  English  ▼

X  

SL432ASF Datasheet(PDF) 1 Page - AUK corp

Part # SL432ASF
Description  Programmable Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL432ASF Datasheet(HTML) 1 Page - AUK corp

  SL432ASF Datasheet HTML 1Page - AUK corp SL432ASF Datasheet HTML 2Page - AUK corp SL432ASF Datasheet HTML 3Page - AUK corp SL432ASF Datasheet HTML 4Page - AUK corp SL432ASF Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSI-2015-005
1
SL432xSF
Programmable Voltage Reference
Description
The SL432 series are 3-terminal precision shunt regulators that are programmable over a wide voltage range of
1.24V to 16V with ±1.0%, ±2.0% tolerance. The SL432 series have a low dynamic impedance of 0.25Ω. These
features make the SL432 series an excellent replacement for zener diodes in numerous applications circuits that
require a precision reference voltage.
Features
• Programmable output voltage from 1.24V to 16V
• Voltage reference tolerance : ±1.0%, ±2.0%
• Sink current capability of 80 ㎂ to 30 ㎃
Ordering Information
Type NO.
Marking
Package Code
SL432xSF
42□
SOT-23F
□
: Grade => 3:±2% , A:±1%
Outline Dimensions ( Unit : mm )
S
Seem
miiccoon
nd
du
uccttoorr
Symbol
Functional block diagram
PIN Connections
1. Reference
2. Cathode
3. Anode
REF
Reference(R)
+
-
V
Cathode(K)
Anode(A)
=1.24V
3
1
2
2.30~2.50
1.50~1.70


Similar Part No. - SL432ASF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL432ASF AUK-SL432ASF Datasheet
349Kb / 5P
Programmable Voltage Reference
More results

Similar Description - SL432ASF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
Programmable Voltage Reference
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XM AUK-SL431XM_1 Datasheet
354Kb / 6P
Programmable Voltage Reference
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com