Electronic Components Datasheet Search
  English  ▼

X  

SL5015P Datasheet(PDF) 3 Page - AUK corp

Part # SL5015P
Description  COMPANDOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5015P Datasheet(HTML) 3 Page - AUK corp

  SL5015P Datasheet HTML 1Page - AUK corp SL5015P Datasheet HTML 2Page - AUK corp SL5015P Datasheet HTML 3Page - AUK corp SL5015P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KSI-W003-000
3
Switch Position
Switch terminal
High (Open or Vcc)
Low(GND)
PIN 11(SW3)
Comp Mute OFF
Comp Mute ON
PIN 12(SW4)
Compandor
Through
PIN 13(SW5)
Exp Mute OFF
Exp Mute ON
PIN 8 (SW1)
Signal Input → OFF
PIN 15 (SW2)
Signal Input → OFF
Electrical Characteristics
(Unless otherwise specified, Ta=25 °C, Vcc=3V, f=1kHz, RL = 10 kΩ)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Squelch Current
I
CCQ
No Signal
-
4.0
6.5
mA
Reference Voltage
V
ref
-
1.4
1.5
1.55
V
Compre ssor
Input Resistance
R
IN
-
90
120
-
kΩ
Standard Input Level
V
IN
V
OUT =300mVrms = 0dB
8.0
12.5
17.0
mV
rms
Gain error(1)
△
G
V(1)
V
IN= -20dB
-0.5
0
+0.5
dB
Gain error(2)
△
G
V(2)
V
IN= -40dB
-0.1
0
+1.0
dB
Through ON/OFF Diff.
△
G
V
V
IN=0dB, 12 pin GND
-1.5
0
+1.5
dB
Distortion
THD
V
IN = 620 Ω
-
0.5
1.0
%
Noise output
V
NO
Rg= 620 Ω
-
3.0
5.5
mV
rms
Muting attenuation
M
ATT
V
IN = 0dB, 11 Pin GND
60
80
-
dB
Limiting voltage
V
LI
-
1.15
1.35
1.50
V
p-p
Expander
Standard Input Level
V
OUT
V
IN = 30mVrms = 0dB
110
130
160
mV
rms
Gain error(1)
△
G
V(1)
V
IN = -10dB
-0.5
0
+0.5
dB
Gain error(2)
△
G
V(2)
V
IN = -20dB
-1.0
0
+1.0
dB
Gain error(3)
△
G
V(3)
V
IN = -30dB
-1.5
0
+1.5
dB
Through ON/OFF Diff.
△
G
V
V
IN = 0dB, 12 Pin GND
-2.5
-1.0
+0.5
dB
Distortion
THD
V
IN = 0dB
-
0.5
1.5
%
Noise output
V
NO
Rg= 620 Ω
-
10
30
μ
V
rms
Muting attenuation
MATT
V
IN = 0dB, 13 pin
60
80
-
dB
Max. output voltage
V
OUT(max)
THD 10% level
700
800
-
mV
rms
SL5015/P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com