Electronic Components Datasheet Search
  English  ▼

X  

SL5015P Datasheet(PDF) 4 Page - AUK corp

Part # SL5015P
Description  COMPANDOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5015P Datasheet(HTML) 4 Page - AUK corp

  SL5015P Datasheet HTML 1Page - AUK corp SL5015P Datasheet HTML 2Page - AUK corp SL5015P Datasheet HTML 3Page - AUK corp SL5015P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KSI-W003-000
4
Electrical Characteristics(continued)
(Unless otherwise specified, Ta=25 °C, Vcc=3V, f=1kHz, RL = 10 kΩ)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Buffer Amp(LPF)
Voltage Gain
G
V
V
IN = 300mVrms
-0.5
0
0.5
dB
Freq Charact(1)
△
f
1
V
IN=300mVrms, f=3kHz
-4.5
-3
0
dB
Freq Charact(2)
△
f
2
V
IN=300mVrms, f=30kHz
-75
-60
-55
dB
Distortion
THD
V
IN = 300mVrms
-
0.02
0.1
%
(PIN VOLTAGE AT VCC=3V AND NO INPUT SIGNAL)
Pin. No.
NAME
TYPE.
VAL
Unit
Pin. No.
NAME
TYPE.
VOL
Unit
1
FILTER OUT
1.5
V
11
COMP MUTE
1.3
V
2
FILTER IN
1.5
V
12
THROUGH
1.3
V
3
COMP OUT
1.5
V
13
EXP MUTE
1.3
V
4
DATA IN
1.5
V
14
EXP REF
1.5
V
5
C-DCF
1.5
V
15
EXP IN
1.5
V
6
COMP RECT
0.6
V
16
EXP NF
1.5
V
7
COMP NF
1.5
V
17
DATA OUT
1.5
V
8
COMP IN
1.5
V
18
EXP RECT
0.6
V
9
COMP REF
1.5
V
19
EXP OUT
1.5
V
10
GND
GND
V
20
VCC
VCC
V
Typical Performance Characteristics
• Input Voltage VS Output Voltage
SL5015/P
Compressor
Vcc = 3.0V, Fin = 1.0KHz
-20
-130
-110
-80
-100
-90
-120
-30
-40
-50
-60
-70
-20
-10
0
-30
-40
-50
-60
-70
(300mVrms)
Vin(dBV)
(10mVrms)
Standard Level
Expander
Vcc = 3.0V, Fin = 1.0KHz
-10
-20
-30
-40
-50
-60
-70
-80
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
(100mVrms)
1.0Vrms
(30mVrms)
Vin(dBV)
Standard
Level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com