Electronic Components Datasheet Search
  English  ▼

X  

SL5015P Datasheet(PDF) 1 Page - AUK corp

Part # SL5015P
Description  COMPANDOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5015P Datasheet(HTML) 1 Page - AUK corp

  SL5015P Datasheet HTML 1Page - AUK corp SL5015P Datasheet HTML 2Page - AUK corp SL5015P Datasheet HTML 3Page - AUK corp SL5015P Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSI-W003-000
1
SL5015/P
COMPANDOR
Description
The SL5015/P is an noise reduction IC for cordless phone. It is a compandor IC that consist
of a compressor and an expander. Compandor reduces transmission noise by compressing
and transmitting out going signals and expanding received signals.
The ICs are designed for minimum requirement of external components and for low voltage
operation. Small size is an advantage when used in equipment in which space is a premium.
For DATA, input and output terminals are provided for convenience. Two styles of packaging,
DIP and SOP, are available to meet different requirements.
Features
• Low voltage operation Vopr. = 2.4~7.0V
• Low current consumption ICC = 4mA(Vcc=3V)
• Microphone amplifier used in compressor
• Has data input output terminals
• Has a buffer amplifier for filter
• Mute can be set up independently
• Through Functions
• Built in limiter (for compressor)
Ordering Information
Type NO.
Marking
Package Code
SL5015
SL5015
SOP20
SL5015P
SL5015
DIP20
Outline Dimensions
unit : mm
2.54
0.46
3.30
1.52
0.51
7.11
22.84
7
o
5o-7o
0.25
7
o
7.62
26.14
0.89R
7.62
1
10
20
11
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
0.25
0.22
0.58
10.31
12.83
1.27
2.56
7.52
0.41
SOP20
DIP20


Similar Part No. - SL5015P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5015P AUK-SL5015P Datasheet
51Kb / 4P
COMPANDOR
More results

Similar Description - SL5015P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
Compandor
1997 Aug 14
SA575 PHILIPS-SA575 Datasheet
102Kb / 14P
Low voltage compandor
1997 Nov 07
logo
Daewoo Semiconductor
DBL5015 DAEWOO-DBL5015 Datasheet
282Kb / 4P
COMPANDOR
logo
Samsung semiconductor
KA8512 SAMSUNG-KA8512 Datasheet
132Kb / 6P
COMPANDOR
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
Compandor
March, 2006 ??Rev. 4
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
COMPANDOR
logo
Unisonic Technologies
UTC571N UTC-UTC571N_15 Datasheet
284Kb / 5P
COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
Compandor
April, 2009 ??Rev. 0
logo
NXP Semiconductors
NE570N PHILIPS-NE570N Datasheet
400Kb / 7P
Compandor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com