Electronic Components Datasheet Search
  English  ▼

X  

SL5019P Datasheet(PDF) 4 Page - AUK corp

Part # SL5019P
Description  SL5018
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5019P Datasheet(HTML) 4 Page - AUK corp

  SL5019P Datasheet HTML 1Page - AUK corp SL5019P Datasheet HTML 2Page - AUK corp SL5019P Datasheet HTML 3Page - AUK corp SL5019P Datasheet HTML 4Page - AUK corp SL5019P Datasheet HTML 5Page - AUK corp SL5019P Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KSI-W005-000
4
PIN Configuration
Block Diagram and Test Circuit
SL5019/P
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
-
+
AF
Amp
Vcc = 4.0Vdc
Osillator
Mixer
Demodulator
Squelch Trigger with
Hysteresis
Filter
Amp
Limiter
Amp
51
0.01
㎌
51K
SQ in
510K
1.0
㎌
1.0 ㎌
470
8.2k
0.01 ㎌
1.8K
51K
53K
10pF
0.1
㎌
0.1
㎌
0.1 ㎌
20K
22pF
15pF
57.6575
MHz
RF Input
Mute
RSSI Output
Filter
Out
Filter
In
AF Out
to Audio
Power AMP
0.1 ㎌
0.33
0.001uF
Quad Coil TOKO
2A6597 HK 10mm
or
7MC-8128Z 7mm
muRata CFU455D2
or equivalent
Units: R:ohm, C:㎌
Unless otherwise noted capacitors marked "sm" are silver mica.
C1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SL5019
RF Input
GND
Audio Mute
RSSI Output
Squelch Input
Filter Output
Filter Input
Audio Output
Quadrature Input
Decoupling
Decoupling
Limiter Input
VCC
Mixer Output
Crystal
OSC
SL5019
SL5019P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com