Electronic Components Datasheet Search
  English  ▼

X  

SL5019P Datasheet(PDF) 6 Page - AUK corp

Part # SL5019P
Description  SL5018
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5019P Datasheet(HTML) 6 Page - AUK corp

  SL5019P Datasheet HTML 1Page - AUK corp SL5019P Datasheet HTML 2Page - AUK corp SL5019P Datasheet HTML 3Page - AUK corp SL5019P Datasheet HTML 4Page - AUK corp SL5019P Datasheet HTML 5Page - AUK corp SL5019P Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KSI-W005-000
6
SL5019/P
Typical Performance Characteristics
Total Harmonic Distortion
vs . TEMPERATURE
T A AMBIENT TEMPERATURE (
o C)
0.0
1.0
2.0
3.0
4.0
5.0
-55 -35
-15
5
25
45
65
125
105
85
Vcc =4.0Vdc
RFin = -30dBm
fo = 10.7 MHz
RSSI vs. RF Input
RF Input (dBm)
20
30
40
50
60
70
10
0
-140 -120 -100
-80 -60
-40 -20
20
0
T A = +25
o C
T A = +75
o C
T A = -30
o C
Vcc = 4.0Vdc
fo = 10.7 MHz
RSSI OUTPUTvs. TEMPERATURE
-55 -35
-15
5
25
45
65
125
105
85
T A AMBIENT TEMPERATURE (
o C)
18
24
30
36
42
48
12
0
6
54
60
Vcc =4.0Vdc
fo = 10.7 MHz
-30dBm
-70dBm
-110dBm
MIXER OUTPUT vs. RF Input
RF Input (dBm)
-50
-40
-30
-20
-10
0
-60
-70
-70
-60 -50
-40 -30
-20 -10
10
0
100MHz
Desired
Products
100MHz
3rd Order
Products
Vcc = 4.0Vdc
T A = 27
o C
MIXER GAIN vs. SUPPLY VOLTAGE
Vcc SUPPLY VOLTAGE (V)
6.0
9.0
12.0
15.0
18.0
21.0
3.0
0
0
1.0 2.0
3.0 4.0 5.0 6.0
8.0
7.0
T A = +25
o C
T A = +75
o C
T A = +30
o C
fo = 10.7 MHz
RFin = -40dBm
18 KΩ Load
24.0
27.0
30.0
10.0
9.0
MIXER GAIN vs. FREQUENCY
20
30
40
10
0
1.0
10
100
1000
Vcc =4.0Vdc
T A = 27
o C
RFin = -40dBm
5dBm
0dBm
-5dBm
-10dBm
-15dBm
-20dBm
T A = +75
o C
T A = -30
o C
f FREQUENCY(MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com