Electronic Components Datasheet Search
  English  ▼

X  

SL5019P Datasheet(PDF) 1 Page - AUK corp

Part # SL5019P
Description  SL5018
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL5019P Datasheet(HTML) 1 Page - AUK corp

  SL5019P Datasheet HTML 1Page - AUK corp SL5019P Datasheet HTML 2Page - AUK corp SL5019P Datasheet HTML 3Page - AUK corp SL5019P Datasheet HTML 4Page - AUK corp SL5019P Datasheet HTML 5Page - AUK corp SL5019P Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KSI-W005-000
1
SL5019/P
LOW POWER NARROW BAND FM IF
Description
The SL5019/P performs single conversion FM reception and consist of oscillator, mixer,
limiting IF amplifier, and meter drive circuitry. These devices are designed for use in FM
dual conversion communication equipment.
The SL5019/P is similar to the SL5018 FM IFs, except that a signal strength indicator
replaces the scan function controlling driver which is in the SL5018.
The SL5019/P is design for the use of parallel LC components.
This device also requires fewer external parts than earlier products. The SL5019/P are
available in dual-in-line and surface mount packaging.
Features
• Wide operating Supply Voltage Range : VCC = 2.0 to 9.0V
• Input Limiting Voltage Sensitivity of -3.0 dB (2 ㎶)
• Low Drain Current : Icc=3.2mA, (VCC=4.0V, Squelch off)
• Minimal Drain Current increase When Squelched
• Signal Strength indicator : 60dB Dynamic Range
• Mixer operation Frequency Up to 100MHz
• Fewer External Parts Required than Earlier Devices.
Ordering Information
Type NO.
Marking
Package Code
SL5019
SL5019
SOP16
SL5019P
SL 5019
DIP16
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
SOP16
DIP16


Similar Part No. - SL5019P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5019P AUK-SL5019P Datasheet
83Kb / 6P
LOW POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com