Electronic Components Datasheet Search
  English  ▼

X  

AMW004 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AMW004
Description  Embedded Wi-Fi Networking Solution
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW004 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMW004 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AMW004 • Embedded Wi-Fi Networking Solution
General Description, Section 1
ADS-MW004-104R • AMW004 Datasheet
Page|1
Copyright © 2014-2015 ACKme Networks. http://ack.me
September 10, 2015
2
Block Diagram
The block diagram of the AMW004 module shows the
main components of the module: an ARM Cortex-M4
microprocessor
and
BCM43362
Wi-Fi
System-in-
Package (SiP) module. The microprocessor and periph-
erals are driven by a 12MHz crystal. The integrated RTC
is driven by a 32.768 kHz crystal.
An integrated
1 MByte serial flash chip may be used to store addition-
al applications, user data or firmware images as part of
an over the air (OTA) update process.
The WLAN subsystem is controlled by WiConnect ena-
bling the module to achieve minimum power consump-
tion when the Wi-Fi networking interface is not re-
quired.
The module includes an antenna diversity switch. The
switch enables static or dynamic selection of the on-
board antenna or an external antenna plugged to the
u.FL connector.
ARM CM4
120MHz
1MB Flash
128kB RAM
BCM43362
Wi-Fi
Antenna
Switch
u.FL
3v3 MCU
3v3 Wi-Fi
32kHz Out
ADC
DAC
SPI
UART
GPIO
I2C
Reset
12MHz
32kHz
1 MByte
Serial Flash
Wi-Fi
AMW004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com