Electronic Components Datasheet Search
  English  ▼

X  

AMW004 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AMW004
Description  Embedded Wi-Fi Networking Solution
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW004 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMW004 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AMW004 • Embedded Wi-Fi Networking Solution
Electrical Specifications, Section 3
ADS-MW004-104R • AMW004 Datasheet
Page|3
Copyright © 2014-2015 ACKme Networks. http://ack.me
September 10, 2015
3.3 Power Consumption
Table 5. Power consumption
Operational State
Note
Typical1
Max1
Max1
Unit
TA =
25°C
TA =
85°C
Backup
MCU Backup Mode, Wi-Fi powered off
1.85
1.85
12.42
µA
Wait3
MCU Wait Mode, Wi-Fi powered off
32.2
32.2
590
µA
Sleep
MCU Sleep Mode, Wi-Fi powered off
–
6.89
–
mA
Wi-Fi Powersave2,3
MCU Wait mode, Wi-Fi in powersave
0.77
–
–
mA
Active Receive
MCU Active Mode, Wi-Fi active receive
–
87.8
–
mA
Active Transmit6
MCU Active Mode, Wi-Fi active transmit
–
348.8
–
mA
UDP Receive2,3,4
MCU Wait mode, Wi-Fi in powersave mode
6.9
–
–
mA
UDP Transmit2,3,5
MCU Wait mode, Wi-Fi in powersave mode
12.5
–
–
mA
Notes:
1. Total combined current consumed by all power supplies: VDD_3V3, VDD_3V3_WIFI.
2. 802.11 beacon Interval = 102.4ms, DTIM=3, Beacon Duration = 1ms @ 1Mbps.
3. MCU Wait Mode with 10µs wakeup latency
4. Average current receiving 1Mbit/s UDP at 802.11n MCS7
5. Average current transmitting 1Mbit/s UDP at 802.11n MCS7
6. Wi-Fi Transmitting at +18.5dBm CCK 11Mbit/s with 100% duty cycle, MCU Active mode with 128-bit flash-
access.
3.4 32kHz Crystal
Table 6. 32kHz Crystal Specifications (reproduced from manufacturer’s datasheet)
Operational State
Note
Min
Typical
Max
Unit
Frequency
–
32768
–
Hz
Frequency Tolerance
–
20
–
ppm
Frequency Ageing
Measured @25°C ±3°C
-3
–
+3
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com