Electronic Components Datasheet Search
  English  ▼

X  

AMW004 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMW004
Description  Embedded Wi-Fi Networking Solution
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW004 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AMW004 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMW004 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AMW004 • Embedded Wi-Fi Networking Solution
Electrical Specifications, Section 3
ADS-MW004-104R • AMW004 Datasheet
Page|2
Copyright © 2014-2015 ACKme Networks. http://ack.me
September 10, 2015
3
Electrical Specifications
3.1 Absolute Maximum Ratings
CAUTION! The absolute maximum ratings in Table 1 and Table 2 indicate levels where permanent damage to the de-
vice can occur, even if these limits are exceeded for only a brief duration. Functional operation is not guaranteed un-
der these conditions. Operation at absolute maximum conditions for extended periods can adversely affect long-
term reliability of the device.
The values in Table 1 reflect absolute maximum ratings from the respective MCU and BCM43362 datasheets.
Table 1. Absolute Maximum Voltage Ratings
Symbol
Ratings
Min
Max
Unit
VDD_3V3
External power supply voltage to MCU subsystem
-0.3
4.0
V
VDD_3V3_WIFI
External power supply voltage to WLAN subsystem
-0.5
6.0
Vin
Input voltage on any other MCU pin
-0.3
4.0
Table 2. Absolute Maximum Environmental Ratings
Characteristic
Note
Min
Max
Unit
Storage Temperature
–
-40
+125
°C
Relative Humidity
Non-condensing
–
65
%
3.2 Recommended Operating Conditions
Functional operation is not guaranteed outside the limits shown in Table 3 and Table 4, and operation outside these
limits for extended periods can adversely affect long-term reliability of the device.
DC Operating Conditions
Table 3. Recommended DC Operating Conditions
Symbol
Ratings
Min
Typ.
Max
Unit
VDD_3V3
External power supply voltage to MCU subsystem
1.62
3.3
3.6
V
VDD_3V3_WIFI
External power supply voltage to WLAN subsystem
2.3
3.3
3.6
Note: VDD_3V3 and VDD_3V3_WIFI must be at the same voltage when using the Wi-Fi subsystem.
Environmental Conditions
Table 4. Recommended Environmental Conditions
Characteristic
Note
Min
Max
Unit
Ambient Temperature
Limited by WLAN chip specification
-30
+85
°C
Relative Humidity
Non-condensing
–
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com