Electronic Components Datasheet Search
  English  ▼

X  

TF252TH Datasheet(PDF) 1 Page - ON Semiconductor

Part # TF252TH
Description  N-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF252TH Datasheet(HTML) 1 Page - ON Semiconductor

  TF252TH Datasheet HTML 1Page - ON Semiconductor TF252TH Datasheet HTML 2Page - ON Semiconductor TF252TH Datasheet HTML 3Page - ON Semiconductor TF252TH Datasheet HTML 4Page - ON Semiconductor TF252TH Datasheet HTML 5Page - ON Semiconductor TF252TH Datasheet HTML 6Page - ON Semiconductor TF252TH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
53012 TKIM/70407GB TI IM TC-00000796 No. A0842-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
TF252TH
N-Channel JFET
20V, 140 to 350μA, 1.4mS, VTFP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Ordering number : ENA0842A
Features
•
High gain : GV=1.0dB typ (VCC=2V, RL=2.2kΩ, Cin=5pF, VIN=10mV, f=1kHz)
•
Ultrasmall package facilitates miniaturization in end products
•
Best suited for use in electret condenser microphone for audio equipments and telephones
•
Excellent voltage characteristics
•
Excellent transient characteristics
•
Adoption of FBET process
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7031A-001
Product & Package Information
• Package
: VTFP
• JEITA, JEDEC
: SC-106A
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Drain
2 : Source
3 : Gate
VTFP
1
3
12
2
3
1.4
0.25
0.2
0.45
0.1
0 to 0.02
TL
TF252TH-4-TL-H
TF252TH-5-TL-H
1
3
2
D


Similar Part No. - TF252TH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF252TH SANYO-TF252TH Datasheet
50Kb / 4P
N-channel Silicon Junction FET Electret Condenser Microphone
TF252TH-4-TL-H SANYO-TF252TH-4-TL-H Datasheet
440Kb / 7P
Electret Condenser Microphone Applications
TF252TH-5-TL-H SANYO-TF252TH-5-TL-H Datasheet
440Kb / 7P
Electret Condenser Microphone Applications
TF252TH SANYO-TF252TH_12 Datasheet
440Kb / 7P
Electret Condenser Microphone Applications
More results

Similar Description - TF252TH

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com