Electronic Components Datasheet Search
  English  ▼

X  

TF252TH Datasheet(PDF) 3 Page - ON Semiconductor

Part # TF252TH
Description  N-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF252TH Datasheet(HTML) 3 Page - ON Semiconductor

  TF252TH Datasheet HTML 1Page - ON Semiconductor TF252TH Datasheet HTML 2Page - ON Semiconductor TF252TH Datasheet HTML 3Page - ON Semiconductor TF252TH Datasheet HTML 4Page - ON Semiconductor TF252TH Datasheet HTML 5Page - ON Semiconductor TF252TH Datasheet HTML 6Page - ON Semiconductor TF252TH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TF252TH
No. A0842-3/7
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
0
0.5
2.0
1.0
1.5
300
200
250
100
50
150
0
IT12440
VGS=0V
--0.10V
--0.15V
--0.05V
--0.20V
--0.30V
--0.25V
IT12441
01
5
234
350
300
200
250
100
50
150
0
VGS=0V
--0.1V
--0.2V
--0.4V
--0.3V
VGS(off) -- IDSS
| yfs | -- I
DSS
Ciss -- VDS
Crss -- VDS
Zero-Gate Voltage Drain Current, IDSS -- μA
Zero-Gate Voltage Drain Current, IDSS -- μA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
--0.20
--0.25
--0.30
--0.35
--0.40
--0.55
--0.50
--0.45
--0.60
VDS=2V
ID=1μA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
150
200
250
300
400
350
IT12444
100
150
200
250
300
400
350
IT12445
VDS=2V
VGS=0V
f=1kHz
10
7
5
3
2
1.0
1.0
10
23
5
7
7
52
3
IT12446
VGS=0V
f=1MHz
IT12447
1.0
7
5
3
3
2
1.0
10
23
5
7
7
52
3
VGS=0V
f=1MHz
400
300
200
100
0
IT12442
IT12443
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
400
300
200
100
0
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com