Electronic Components Datasheet Search
  English  ▼

X  

TF252TH Datasheet(PDF) 4 Page - ON Semiconductor

Part # TF252TH
Description  N-Channel JFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TF252TH Datasheet(HTML) 4 Page - ON Semiconductor

  TF252TH Datasheet HTML 1Page - ON Semiconductor TF252TH Datasheet HTML 2Page - ON Semiconductor TF252TH Datasheet HTML 3Page - ON Semiconductor TF252TH Datasheet HTML 4Page - ON Semiconductor TF252TH Datasheet HTML 5Page - ON Semiconductor TF252TH Datasheet HTML 6Page - ON Semiconductor TF252TH Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TF252TH
No. A0842-4/7
GV -- IDSS
ΔGVV -- IDSS
Zero-Gate Voltage Drain Current, IDSS -- μA
Zero-Gate Voltage Drain Current, IDSS -- μA
IT12448
--1.0
--0.8
--0.6
--0.4
--0.2
--0.9
--0.7
--0.5
--0.3
--0.4
--0.2
0
0.4
0.8
1.2
0.2
0.6
1.0
1.8
1.6
1.4
100
150
200
250
300
400
350
IT12449
100
150
200
250
300
400
350
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
ΔGVV : VCC=2V→1.5V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
PD -- Ta
Ambient Temperature, Ta --
°C
THD -- VIN
Input Voltage, VIN -- mV
THD -- IDSS
Zero-Gate Voltage Drain Current, IDSS -- μA
10
2
3
5
7
2
2
3
5
7
1.0
0.1
0
50
100
150
200
IT12450
100
150
200
250
300
400
350
250μ
A
350μA
IDSS
=150
μA
0
IT12451
0.2
0.4
0.6
1.0
0.8
1.2
1.4
THD : VCC=2V
VIN=30mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
THD : VCC=2V
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
100
120
80
60
40
20
0
0
20
40
60
80
100
120
140
160
IT12453



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com