Electronic Components Datasheet Search
  English  ▼

X  

MCH4021 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MCH4021
Description  RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4021 Datasheet(HTML) 2 Page - ON Semiconductor

  MCH4021 Datasheet HTML 1Page - ON Semiconductor MCH4021 Datasheet HTML 2Page - ON Semiconductor MCH4021 Datasheet HTML 3Page - ON Semiconductor MCH4021 Datasheet HTML 4Page - ON Semiconductor MCH4021 Datasheet HTML 5Page - ON Semiconductor MCH4021 Datasheet HTML 6Page - ON Semiconductor MCH4021 Datasheet HTML 7Page - ON Semiconductor MCH4021 Datasheet HTML 8Page - ON Semiconductor MCH4021 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MCH4021
No. A1281-2/9
Package Dimensions
Type No. Indication
unit : mm (typ)
7020A-003
1 : Emitter
2 : Collector
3 : Emitter
4 : Base
MCPH4
2.0
0.3
0.65
0.15
0 to 0.02
43
12
43
12
2
3
4
1
1 : Emitter
2 : Collector
3 : Emitter
4 : Base
Top view
GL
IT13901
150
90
120
60
30
0
0
0.2
0.4
0.6
0.8
1.0
1.2
IT13902
IT13903
0.1
23
5
7
1.0
23
5
7
10
1.0
5
7
3
2
IT13904
06
8
4
2
0
20
40
60
80
100
140
120
IB=0mA
1.5mA
2
2
3
5
7
100
3
25
7
3
25
7
3
2
VCE=5V
1.0
10
100
1V
f=1MHz
1.2mA
0.9mA
0.3mA
0.6mA
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- mA
Cre -- VCB
Collector-to-Base Voltage, VCB -- V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com