Electronic Components Datasheet Search
  English  ▼

X  

MCH4021 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCH4021
Description  RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4021 Datasheet(HTML) 4 Page - ON Semiconductor

  MCH4021 Datasheet HTML 1Page - ON Semiconductor MCH4021 Datasheet HTML 2Page - ON Semiconductor MCH4021 Datasheet HTML 3Page - ON Semiconductor MCH4021 Datasheet HTML 4Page - ON Semiconductor MCH4021 Datasheet HTML 5Page - ON Semiconductor MCH4021 Datasheet HTML 6Page - ON Semiconductor MCH4021 Datasheet HTML 7Page - ON Semiconductor MCH4021 Datasheet HTML 8Page - ON Semiconductor MCH4021 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MCH4021
No. A1281-4/9
Lwe
Lwb
Cce
Cbc
Ceb
Lfe
Lfb
Lfc
IT13901
SPICE Parameters
model: Gummel-Poon
Parameter
Value
Unit
Parameter
Value
Unit
IS
2.155f
A
TF
6.700p
S
BF
122
XTF
50.00f
NF
1.05
VTF
750.0m
V
VAF
8
V
ITF
50
A
IKF
206.4m
A
PTF
200.0m
°C
ISE
1.384p
A
CJC
175.0f
F
NE
2.278
VJC
200.0f
V
BR
14
MJC
1.150p
NR
1.042
XCJC
1
VAR
4
V
TR
0
S
IKR
360.0m
A
FC
500.0m
ISC
140.0f
A
CJS
550.0f
F
NC
1.6
VJS
150.0m
V
RB
2
Ω
MJS
136.0m
IRB
1.5
A
Lfc
110.0p
H
RBM
25.00m
Ω
Lwb
850.0p
H
RE
450.0m
Ω
Lfb
73.0p
H
RC
1.2
Ω
Lwe
145.0p
H
XTB
0
Lfe
280.0p
H
EG
1.11
eV
Cbc
325.0f
F
XTI
1
Ceb
175.0f
F
CJE
2.476p
F
Cce
120.0f
F
VJE
750.0m
V
MJE
10.00m
Schematic
*Information (including circuit diagrams and circuit parameters) herein is for example only ;
it is not guaranteed for volume production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com