Electronic Components Datasheet Search
  English  ▼

X  

MCH4021 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCH4021
Description  RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4021 Datasheet(HTML) 3 Page - ON Semiconductor

  MCH4021 Datasheet HTML 1Page - ON Semiconductor MCH4021 Datasheet HTML 2Page - ON Semiconductor MCH4021 Datasheet HTML 3Page - ON Semiconductor MCH4021 Datasheet HTML 4Page - ON Semiconductor MCH4021 Datasheet HTML 5Page - ON Semiconductor MCH4021 Datasheet HTML 6Page - ON Semiconductor MCH4021 Datasheet HTML 7Page - ON Semiconductor MCH4021 Datasheet HTML 8Page - ON Semiconductor MCH4021 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MCH4021
No. A1281-3/9
Collector Current, IC -- mA
IT13908
NF -- IC
6
10
8
14
12
16
18
20
22
1.0
23
5 7
2
10
35 7
2
35 7
100
1000
|S21e|2 -- I
C
Collector Current, IC -- mA
IT13906
2
3
5
7
10
2
3
5
7
100
1.0
100
22
35 7 10
2
35 7
3
5 71000
fT -- IC
Collector Current, IC -- mA
IT13907
0
20
40
60
80
100
120
140
160
IT13909
PC -- Ta
Ambient Temperature, Ta --
°C
0
150
100
50
300
250
200
450
400
350
1.0
27
35
10
27
35
100
0
1
2
3
4
V
CE=1V
5V
f=1GHz
0.1
23
5
7
1.0
23
5
7
10
1.0
1.0
7
5
2
3
3
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT13905
f=1MHz
VCE=5V
f=1GHz
VCE=5V
f=1GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com