Electronic Components Datasheet Search
  English  ▼

X  

100328 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100328
Description  Low Power Octal ECL/TTL Bi-Directional Translator with Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100328 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  100328 Datasheet HTML 1Page - National Semiconductor (TI) 100328 Datasheet HTML 2Page - National Semiconductor (TI) 100328 Datasheet HTML 3Page - National Semiconductor (TI) 100328 Datasheet HTML 4Page - National Semiconductor (TI) 100328 Datasheet HTML 5Page - National Semiconductor (TI) 100328 Datasheet HTML 6Page - National Semiconductor (TI) 100328 Datasheet HTML 7Page - National Semiconductor (TI) 100328 Datasheet HTML 8Page - National Semiconductor (TI) 100328 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings (Note 5)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature (T
STG)
−65˚C to +150˚C
Maximum Junction Temperature (T
J)
Ceramic
+175˚C
V
EE Pin Potential to
Ground Pin
−7.0V to +0.5V
V
TTL Pin Potential to
Ground Pin
−0.5V to +6.0V
ECL Input Voltage (DC)
V
EE to +0.5V
ECL Output Current
(DC Output HIGH)
−50 mA
TTL Input Voltage (Note 7)
−0.5V to +6.0V
TTL Input Current (Note 7)
−30 mA to +5.0 mA
Voltage Applied to Output in HIGH State
TRI-STATE Output
−0.5V to +5.5V
Current Applied to TTL
Output in LOW State (Max)
Twice the Rated I
OL (mA)
ESD (Note 6)
≥2000V
Recommended Operating
Conditions
Case Temperature (T
C)
Military
−55˚C to +125˚C
ECL Supply Voltage (V
EE)
−5.7V to −4.2V
TTL Supply Voltage (V
TTL)
+4.5V to +5.5V
Note 5: Absolute maximum ratings are those values beyond which the de-
vice may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 6: ESD testing conforms to MIL-STD-883, Method 3015.
Note 7: Either voltage limit or current limit is sufficient to protect inputs.
Military Version
TTL-to-ECL DC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −55˚C to +125˚C, VTTL = +4.5V to +5.5V
Symbol
Parameter
Min
Max
Units
T
C
Conditions
Notes
V
OH
Output HIGH Voltage
−1025
−870
mV
0˚C to
Loading with
50
Ω to −2.0V
(Notes 8, 9,
10)
+125˚C
−1085
−870
mV
−55˚C
V
IN = VIH (Max)
V
OL
Output LOW Voltage
−1830
−1620
mV
0˚C to
or V
IL (Min)
+125˚C
−1830
−1555
mV
−55˚C
Cutoff Voltage
−1950
mV
0˚C to
+125˚C
OE or DIR Low
−1850
mV
−55˚C
V
OHC
Output HIGH Voltage
−1035
mV
0˚C to
(Notes 8, 9,
10)
+125˚C
−1085
mV
−55˚C
V
IN = VIH (Min)
Loading with
V
OLC
Output LOW Voltage
−1610
mV
0˚C to
or V
IL (Max)
50
Ω0 to −2.0V
+125˚C
−1555
mV
−55˚C
V
IH
Input HIGH Voltage
2.0
V
−55˚C to
Over V
TTL,VEE,TC Range
(Notes 8, 9,
10, 11)
+125˚C
V
IL
Input LOW Voltage
0.8
V
−55˚C to
Over V
TTL,VEE,TC Range
(Notes 8, 9,
10, 11)
+125˚C
I
IH
Input HIGH Current
70
µA
−55˚C to
V
IN = +2.7V
(Notes 8, 9,
10)
125˚C
Breakdown Test
1.0
mA
−55˚C to
V
IN = +5.5V
+125˚C
I
IL
Input LOW Current
−1.0
mA
−55˚C to
V
IN = +0.5V
(Notes 8, 9,
10)
+125˚C
V
FCD
Input Clamp
−1.2
V
−55˚C to
I
IN = −18 mA
(Notes 8, 9,
10)
Diode Voltage
+125˚ C
I
EE
V
EE Supply Current
LE Low, OE and DIR High
(Notes 8, 9,
10)
−55˚C to
Inputs Open
−165
−73
mA
+125˚C
V
EE = −4.2V to −4.8V
−175
−73
V
EE = −4.2V to −5.7V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com