Electronic Components Datasheet Search
  English  ▼

X  

100328 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100328
Description  Low Power Octal ECL/TTL Bi-Directional Translator with Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100328 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100328 Datasheet HTML 1Page - National Semiconductor (TI) 100328 Datasheet HTML 2Page - National Semiconductor (TI) 100328 Datasheet HTML 3Page - National Semiconductor (TI) 100328 Datasheet HTML 4Page - National Semiconductor (TI) 100328 Datasheet HTML 5Page - National Semiconductor (TI) 100328 Datasheet HTML 6Page - National Semiconductor (TI) 100328 Datasheet HTML 7Page - National Semiconductor (TI) 100328 Datasheet HTML 8Page - National Semiconductor (TI) 100328 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
100328
Low Power Octal ECL/TTL Bi-Directional Translator with
Latch
General Description
The 100328 is an octal latched bi-directional translator de-
signed to convert TTL logic levels to 100K ECL logic levels
and vice versa. The direction of this translation is determined
by the DIR input. A LOW on the output enable input (OE)
holds the ECL outputs in a cut-off state and the TTL outputs
at a high impedance level. A HIGH on the latch enable input
(LE) latches the data at both inputs even though only one
output is enabled at the time. A LOW on LE makes the
100328 transparent.
The cut-off state is designed to be more negative than a nor-
mal ECL LOW level. This allows the output emitter-followers
to turn off when the termination supply is −2.0V, presenting a
high impedance to the data bus. This high impedance re-
duces termination power and prevents loss of low state
noise margin when several loads share the bus.
The 100328 is designed with FAST® TTL output buffers, fea-
turing optimal DC drive and capable of quickly charging and
discharging highly capacitive loads. All inputs have 50 k
Ω
pull-down resistors.
Features
n Identical performance to the 100128 at 50% of the
supply current
n Bi-directional translation
n 2000V ESD protection
n Latched outputs
n FAST TTL outputs
n TRI-STATE® outputs
n Voltage compensated operating range =
−4.2V to −5.7V
n Available to MIL-STD-883
Logic Symbol
Pin Names
Description
E
0–E7
ECL Data I/O
T
0–T7
TTL Data I/O
OE
Output Enable Input
LE
Latch Enable Input
DIR
Direction Control Input
All pins function at 100K ECL levels except for T0–T7.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
FAST® is a registered trademark of Fairchild Semiconductor.
DS100295-1
August 1998
© 1998 National Semiconductor Corporation
DS100295
www.national.com


Similar Part No. - 100328

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100328 FAIRCHILD-100328 Datasheet
140Kb / 14P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328PC FAIRCHILD-100328PC Datasheet
140Kb / 14P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328QC FAIRCHILD-100328QC Datasheet
140Kb / 14P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328QI FAIRCHILD-100328QI Datasheet
140Kb / 14P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328SC FAIRCHILD-100328SC Datasheet
140Kb / 14P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
More results

Similar Description - 100328

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
Low Power Octal ECL/TTL Bidirectional Translator with Register
F100328 NSC-F100328 Datasheet
394Kb / 16P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
F100329 NSC-F100329 Datasheet
385Kb / 16P
Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
Fairchild Semiconductor
100328 FAIRCHILD-100328 Datasheet
140Kb / 14P
Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
Low Power Octal ECL/TTL Bidirectional Translator with Register
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
TTL to 10k ECL Level Translator with Latch
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
100k ECL to TTL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com