Electronic Components Datasheet Search
  English  ▼

X  

100328 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100328
Description  Low Power Octal ECL/TTL Bi-Directional Translator with Latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100328 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  100328 Datasheet HTML 1Page - National Semiconductor (TI) 100328 Datasheet HTML 2Page - National Semiconductor (TI) 100328 Datasheet HTML 3Page - National Semiconductor (TI) 100328 Datasheet HTML 4Page - National Semiconductor (TI) 100328 Datasheet HTML 5Page - National Semiconductor (TI) 100328 Datasheet HTML 6Page - National Semiconductor (TI) 100328 Datasheet HTML 7Page - National Semiconductor (TI) 100328 Datasheet HTML 8Page - National Semiconductor (TI) 100328 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Military Version
ECL-to-TTL DC Electrical Characteristics
V
EE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −55˚C to +125˚C, CL = 50 pF, VTTL = +4.5V to + 5.5V
Symbol
Parameter
Min
Max Units
T
C
Conditions
Notes
V
OH
Output HIGH Voltage
2.5
mV
0˚C to +125˚C
I
OH = −1 mA, VTTL = 4.50V
(Notes 8, 9, 10)
2.4
−55˚C
V
OL
Output LOW Voltage
0.5
mV
−55˚C
I
OL = 24 mA, VTTL = 4.50V
+125˚C
V
IH
Input HIGH Voltage
−1165
−870
mV
−55˚C
Guaranteed HIGH Signal
(Notes 8, 9, 10, 11)
+125˚C
for All Inputs
V
IL
Input LOW Voltage
−1830 −1475
mV
−55˚C to
Guaranteed LOW Signal
(Notes 8, 9, 10, 11)
+125˚C
for All Inputs
I
IH
Input HIGH Current
350
µA
0˚C to
V
EE = −5.7V
(Notes 8, 9, 10)
500
+125˚C
V
IN = VIH (Max)
I
IL
Input LOW Current
0.50
µA
−55˚C to
V
EE = −4.2V
(Notes 8, 9, 10)
+125˚C
V
IN = VIL (Min)
I
OZHT
TRI-STATE Current
70
µA
−55˚C to
V
OUT = +2.7V
(Notes 8, 9, 10)
Output High
+125˚C
I
OZLT
TRI-STATE Current
−1.0
mA
−55˚C to
V
OUT = +0.5V
(Notes 8, 9, 10)
Output Low
+125˚C
I
OS
Output Short-Circuit
−150
−60
mA
−55˚C to
V
OUT = 0.0V, VTTL = +5.5V
(Notes 8, 9, 10)
CURRENT
+125˚C
I
TTL
V
TTL Supply Current
75
mA
−55˚C to
TTL Outputs Low
(Notes 8, 9, 10)
50
mA
+125˚C
TTL Output High
70
mA
TTL Output in TRI-STATE
Note 8: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
without allowing for the junction temperature to stabilize due to heat dissipation after power-up. This provides “cold start” specs which can be considered a worst case
condition at cold temperatures.
Note 9: Screen tested 100% on each device at −55˚C, +25˚C, and +125˚C, Subgroups, 1, 2 3, 7, and 8.
Note 10: Sample tested (Method 5005, Table I) on each manufactured lot at −55˚C, +25˚C, and +125˚C, Subgroups A1, 2, 3, 7, and 8.
Note 11: Guaranteed by applying specified input condition and testing VOH/VOL.
Military Version
TTL-to-ECL AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VTTL = +4.5V to +5.5V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = 25˚C
T
C =
+125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
T
N to En
0.8
3.4
1.1
3.6
0.8
3.7
ns
Figures 1, 2
(Notes 12,
13, 14)
t
PHL
(Transparent)
ns
t
PLH
LE to E
n
1.2
3.8
1.4
3.7
1.1
3.8
ns
Figures 1, 2
t
PHL
ns
t
PZH
OE to E
n
0.8
3.6
1.5
4.0
2.0
5.2
ns
Figures 1, 2
(Notes 12,
13, 14)
(Cutoff to HIGH)
t
PHZ
OE to E
n
1.5
4.6
1.6
4.2
1.6
4.3
ns
Figures 1, 2
(HIGH to Cutoff)
t
PHZ
DIR to E
n
1.6
4.7
1.6
4.3
1.7
4.3
ns
Figures 1, 2
(HIGH to Cutoff)
t
set
T
n to LE
2.5
2.0
2.5
ns
Figures 1, 2
(Note 15)
t
hold
T
n to LE
2.5
2.0
2.5
ns
Figures 1, 2
t
pw(H)
Pulse Width LE
2.5
2.0
2.5
ns
Figures 1, 2
(Note 15)
t
TLH
Transition Time
0.4
2.3
0.5
2.1
0.4
2.4
ns
Figures 1, 2
(Note 15)
t
THL
20% to 80%,80% to 20%
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com