Electronic Components Datasheet Search
  English  ▼

X  

100329 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100329
Description  Low Power Octal ECL/TTL Bidirectional Translator with Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100329 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  100329 Datasheet HTML 1Page - National Semiconductor (TI) 100329 Datasheet HTML 2Page - National Semiconductor (TI) 100329 Datasheet HTML 3Page - National Semiconductor (TI) 100329 Datasheet HTML 4Page - National Semiconductor (TI) 100329 Datasheet HTML 5Page - National Semiconductor (TI) 100329 Datasheet HTML 6Page - National Semiconductor (TI) 100329 Datasheet HTML 7Page - National Semiconductor (TI) 100329 Datasheet HTML 8Page - National Semiconductor (TI) 100329 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Detail
OE
DIR
CP
ECL
TTL
Notes
Port
Port
L
L
X
Input
Z
1, 3
L
H
X
LOW
Input
2, 3
(Cut-Off)
HL
N
LL
1
HL
N
HH
1
H
L
L
X
NC
1, 3
HH
N
LL
2
HH
N
HH
2
H
H
L
NC
X
2, 3
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
N = LOW-to-HIGH Clock Transition
NC = No Change
Note 1: ECL input to TTL output mode.
Note 2: TTL input to ECL output mode.
Note 3: Retains data present before CP.
DS100306-6
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com