Electronic Components Datasheet Search
  English  ▼

X  

100329 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100329
Description  Low Power Octal ECL/TTL Bidirectional Translator with Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100329 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 100329 Datasheet HTML 3Page - National Semiconductor (TI) 100329 Datasheet HTML 4Page - National Semiconductor (TI) 100329 Datasheet HTML 5Page - National Semiconductor (TI) 100329 Datasheet HTML 6Page - National Semiconductor (TI) 100329 Datasheet HTML 7Page - National Semiconductor (TI) 100329 Datasheet HTML 8Page - National Semiconductor (TI) 100329 Datasheet HTML 9Page - National Semiconductor (TI) 100329 Datasheet HTML 10Page - National Semiconductor (TI) 100329 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Test Circuitry (ECL-to-TTL)
Switching Waveforms (ECL-to-TTL)
DS100306-10
Note 18: RT = 50Ω termination resistive load. When an input or output is being monitored by a scope, RTis supplied by the scope’s 50Ω input resistance. When
an input or output is not being monitored, an external 50
Ω resistance must be applied to serve as RT.
Note 19: The TTL TRI-STATE pull-up switch is connected to +7V only for ZL and LZ tests.
Note 20: TTL and ECL force signals are brought to the DUT via 50
Ω coax lines.
Note 21: VTTL is decoupled to ground with 0.1 µF, VEE is decoupled to ground with 0.01 µF and VCC is connected to ground.
FIGURE 3. ECL-to-TTL AC Test Circuit
DS100306-11
Note: DIR is LOW, OE is HIGH
FIGURE 4. ECL-to-TTL Transition — Propagation Delay and Transition Times
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com