Electronic Components Datasheet Search
  English  ▼

X  

100329 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100329
Description  Low Power Octal ECL/TTL Bidirectional Translator with Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100329 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 100329 Datasheet HTML 2Page - National Semiconductor (TI) 100329 Datasheet HTML 3Page - National Semiconductor (TI) 100329 Datasheet HTML 4Page - National Semiconductor (TI) 100329 Datasheet HTML 5Page - National Semiconductor (TI) 100329 Datasheet HTML 6Page - National Semiconductor (TI) 100329 Datasheet HTML 7Page - National Semiconductor (TI) 100329 Datasheet HTML 8Page - National Semiconductor (TI) 100329 Datasheet HTML 9Page - National Semiconductor (TI) 100329 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Military Version
ECL-to-TTL AC Electrical Characteristics
V
EE = −4.2V to −5.7V, VTTL = +4.5V to +5.5V, VCC = VCCA = GND, CL = 50 pF
Symbol
Parameter
T
C = −55˚C
T
C = 25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
PLH
CP to T
n
3.1
8.0
3.1
7.3
3.3
8.0
ns
Figures 1, 2
(Notes 11, 12,
13)
t
PHL
t
PZH
OE to T
n
3.4
9.1
3.7
9.0
4.0
10.1
ns
Figures 3, 4
(Notes 11, 12,
13)
t
PZL
(Enable Time)
3.7
9.5
4.0
9.3
4.3
10.4
t
PHZ
OE to T
n
3.2
10.0
3.3
9.0
3.5
9.3
ns
Figures 3, 5
t
PLZ
(Disable Time)
3.0
9.8
3.4
8.8
4.1
10.4
t
PHZ
DIR to T
n
2.6
9.5
2.8
8.8
3.0
9.0
ns
Figures 3, 6
t
PLZ
(Disable Time)
2.7
8.7
3.1
8.0
4.0
9.6
t
set
E
n to CP
2.5
2.0
2.5
ns
Figures 3, 4
(Note 14)
t
hold
E
n to CP
3.0
2.5
3.0
ns
Figures 3, 4
t
pw(H)
Pulse Width CP
2.5
2.5
5.0
ns
Figures 3, 4
(Note 14)
f
MAX
CP
200
200
100
MHz
Note 11: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immedi-
ately after power-up. This provides “cold start” specs which can be considered a worst case condition at cold temperatures.
Note 12: Screen tested 100% on each device at +25˚C, temperature only, Subgroup A9.
Note 13: Sample tested (Method 5005, Table I) on each mfg. lot at +25˚C, Subgroup A9, and at +125˚C and −55˚C temperatures, Subgroups A10 and A11.
Note 14: Not tested at +25˚C, +125˚C and −55˚C temperature (design characterization data).
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com